|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SFH485P - GaAIAs Infrared Emitter (880 nm) - Siemens Semiconductor Group |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| OPE5194WK | GAAIAS INFRARED EMITTER | 1 2 | List of Unclassifed Manufacturers |
| SFH485P | GaAiAs INFRARED EMITTER | 1 2 | Siemens Semiconductor Group |
| SFH486 | GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm | 1 2 3 4 | Siemens Semiconductor Group |
| SFH487P | GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm | 1 2 3 4 5 | Siemens Semiconductor Group |
| OPE5687HP | High Speed GaAIAs Infrared Emitter | 1 2 | List of Unclassifed Manufacturers |
| LD273 | TWO CHIP INFRARED EMITTER | 1 2 | Siemens Semiconductor Group |
| SFH485 | GaAlAs INFRARED EMITTER | 1 | Siemens Semiconductor Group |
| MTE8300C | 3mm Infrared Emitter | 1 2 | Marktech Corporate |
| OP265A | GaAIAs Plastic Infrared Emitting Diodes | 1 2 | OPTEK Technologies |
| SFH4580 | GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm | 1 2 3 4 5 More | Siemens Semiconductor Group |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|