|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SFH480 - GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm - Siemens Semiconductor Group |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SFH4580 | GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm | 1 2 3 4 5 More | Siemens Semiconductor Group |
| SFH484 | GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm | 1 2 3 4 5 | Siemens Semiconductor Group |
| VTE1291W-1 | GaAlAs Infrared Emitting Diodes | 1 | PerkinElmer Optoelectronics |
| TSHA550 | High Speed Infrared Emitting Diode 870 nm GaAlAs Double Hetero | 1 2 3 4 5 More | Vishay Siliconix |
| MIE-324H4 | GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE | 1 2 | Unity Opto Technology |
| MIE-544L3 | GaAlAs HIGH POWER T-1 3/4 PACKAGE INFRARED EMITTING DIODE | 1 2 | Unity Opto Technology |
| TSML3710 | GaAs/GaAlAs Infrared Emitting Diode in SMT Package | 1 2 3 4 5 More | Vishay Siliconix |
| LNA4602L | GaAlAs Infrared Light Emitting Diode | 1 | Panasonic Semiconductor |
| VTE1295 | GaAlAs Infrared Emitting Diodes | 1 | PerkinElmer Optoelectronics |
| TSHA620 | GaAlAs Infrared Emitting Diodes in ®5 mm T-13/4 Package | 1 2 3 4 5 More | Vishay Siliconix |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|