|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SFH4515 - GaAs-IR-Lumineszenzdioden 950 nm GaAs Infrared Emitters 950 nm - Siemens Semiconductor Group |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SFH415 | GaAs-IR-Lumineszenzdioden GaAs Infrared Emitters | 1 2 3 4 5 | Siemens Semiconductor Group |
| LN69 | GaAs Infrared Light Emitting Diode | 1 2 | Panasonic Semiconductor |
| TSUS4300 | GaAs Infrared Emitting Diode in ®3 mm T-1 Package | 1 2 3 4 5 | Vishay Siliconix |
| MIE-184A4 | GaAlAs/GaAs 1.8mm PACKAGE INFRARED EMITTING DIODE | 1 2 | Unity Opto Technology |
| SFH401 | GaAs INFRARED EMITTER | 1 2 | Siemens Semiconductor Group |
| CQX15 | GaAs INFRARED EMITTING DIODE | 1 2 3 | Fairchild Semiconductor |
| SE308 | GAAS INFRARED EMITTING DIODE | 1 2 | NEC |
| TSUS5400 | GaAs Infrared Emitting Diodes in 5 mm Package | 1 2 3 4 5 More | Vishay Siliconix |
| SE306 | GaAs INFRARED EMITTING DIODE | 1 2 | NEC |
| LNA2601L | GaAs Infrared Light Emitting Diode | 1 2 | Panasonic Semiconductor |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|