Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL1-230-NW-P Datasheet (PDF) - Dialight Corporation

CL1-230-NW-P Datasheet PDF - Dialight Corporation
Part # CL1-230-NW-P
Download  CL1-230-NW-P Download

File Size   161.07 Kbytes
Page   2 Pages
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation
Description CL1 SERIES COVELED1

CL1-230-NW-P Datasheet (PDF)

Go To PDF Page Download Datasheet
CL1-230-NW-P Datasheet PDF - Dialight Corporation

Part # CL1-230-NW-P
Download  CL1-230-NW-P Click to download

File Size   161.07 Kbytes
Page   2 Pages
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation
Description CL1 SERIES COVELED1

CL1-230-NW-P Datasheet (HTML) - Dialight Corporation

CL1-230-NW-P Datasheet HTML 1Page - Dialight Corporation CL1-230-NW-P Datasheet HTML 2Page - Dialight Corporation



Similar Part No. - CL1-230-NW-P

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CL1 MACOM-CL1 Datasheet
455Kb / 3P
   Thin Film Limiter Module 5 to 3000 MHz
logo
Supertex, Inc
CL1 SUTEX-CL1 Datasheet
1Mb / 7P
   Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
logo
M/A-COM Technology Solu...
CL1 MA-COM-CL1 Datasheet
1Mb / 3P
   Thin Film Limiter Module 5 to 3000 MHz
logo
Eaton All Rights Reserv...
CL1 EATON-CL1 Datasheet
69Kb / 1P
   Type CL 1-inch Classified Replacement Breaker
logo
Continental Device Indi...
CL100 CDIL-CL100 Datasheet
47Kb / 3P
   NPN SILICON PLANAR TRANSISTORS
More results


Similar Description - CL1-230-NW-P

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
TAEA5025 NHP-TAEA5025 Datasheet
789Kb / 1P
   SUMMATION CT 55 15VA CL1 10VA CL0.5
11 October 2022,
TA3272001A NHP-TA3272001A Datasheet
1Mb / 3P
   CT SOLID CORE 200/1A 27mm 7VA CL1 4VA CL0.5
11 October 2022,
TA4322005A NHP-TA4322005A Datasheet
1Mb / 3P
   CT SOLID CORE 200/5A 32mm 5VA CL1 3VA CL0.5
11 October 2022,
TA3271505A NHP-TA3271505A Datasheet
1Mb / 3P
   CT SOLID CORE 150/5A 27mm 4VA CL1 3VA CL0.5
11 October 2022,
TA4323005A NHP-TA4323005A Datasheet
1Mb / 3P
   CT SOLID CORE 300/5A 32mm 8VA CL1 5VA CL0.5
11 October 2022,
TA4324005A NHP-TA4324005A Datasheet
1Mb / 3P
   CT SOLID CORE 400/5A 32mm 10VA CL1 8VA CL0.5
12 July 2023,
TA3271205A NHP-TA3271205A Datasheet
1Mb / 3P
   CT SOLID CORE 120/5A 27mm 3.5VA CL1 2VA CL0.5
11 October 2022,
TA3272005A NHP-TA3272005A Datasheet
1Mb / 3P
   CT SOLID CORE 200/5A 27mm 7VA CL1 4VA CL0.5
4 April 2023,
TA3273005A NHP-TA3273005A Datasheet
1Mb / 3P
   CT SOLID CORE 300/5A 27mm 10VA CL1 8VA CL0.5
11 October 2022,
TA327755A NHP-TA327755A Datasheet
1Mb / 3P
   CT SOLID CORE 75/5A 27mm 3VA CL3 1.5VA CL1
11 October 2022,
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com