Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      PD1165(1)    PD1167(1)

Featured Products and Offers


Datasheet

    PD1165 - 1.16 SQUARE 8X8 DOT MATRIX PROGRAMMABLE DISPLAY MODULE WITH ON BOARD DRIVERS, BUILT-IN RAM AND SOFTWARE CONTROLLABLE FEATURES - Siemens Semiconductor Group

Page

 
Part No. PD1165
Description  1.16 SQUARE 8X8 DOT MATRIX PROGRAMMABLE DISPLAY MODULE WITH ON BOARD DRIVERS, BUILT-IN RAM AND SOFTWARE CONTROLLABLE FEATURES
Download  PD1165 Click to view
File Size   412.4 Kbytes / 8 Pages
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.automation.siemens.com/semiconductor/in
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MPD254525 4-character 5x7 dot matrix X-Y stackable HI-REL/Military Alphanumeric Programmable Display with Built-In CMOS Control Functions 1 2 3 4 5 MoreSiemens Semiconductor Group
MSM63P1804-Bit Microcontroller with Built-in 16K Word PROM and 1024-Dot Matrix LCD Drivers 1 2 3 4 5 MoreOKI electronic componets
LC75817NE1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function 1 2 3 4 5 MoreSanyo Semicon Device
ML631874-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit Operating at 0.9 V Min . 1 2 3 4 5 MoreOKI electronic componets
ML9050132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays 1 2 3 4 5 MoreOKI electronic componets
ML92045 X 7 Dot Character X 24-Digit X 2-Line Display Controller/Driver with Character RAM Built-in Key Scan 1 2 3 4 5 MoreOKI electronic componets
ML9051G132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays 1 2 3 4 5 MoreOKI electronic componets
ML9058132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays 1 2 3 4 5 MoreOKI electronic componets
ML9059132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays 1 2 3 4 5 MoreOKI electronic componets
MSM63188A4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit Operating at 0.9 V Min. 1 2 3 4 5 MoreOKI electronic componets

Datasheet Page

1 2 3 4 5 6 7 8


Link URL

Related keyword

  PD1165 Datasheet   PD1165 Cross Reference   PD1165 Schematic   PD1165 Distributor   PD1165 Datenblatt   PD1165 RoHS
  PD1165 Equivalent   PD1165 Application Notes   PD1165 Data Sheet   PD1165 component   PD1165 Fiche Technique   PD1165 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl