Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELT3023 Datasheet (PDF) - Everlight Electronics Co., Ltd

ELT3023 Datasheet PDF - Everlight Electronics Co., Ltd
Part # ELT3023
Download  ELT3023 Download

File Size   637.37 Kbytes
Page   13 Pages
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Description 4 PIN DIP RANDOM-PHASE TRIAC DRIVER

ELT3023 Datasheet (PDF)

Go To PDF Page Download Datasheet
ELT3023 Datasheet PDF - Everlight Electronics Co., Ltd

Part # ELT3023
Download  ELT3023 Click to download

File Size   637.37 Kbytes
Page   13 Pages
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Description 4 PIN DIP RANDOM-PHASE TRIAC DRIVER

ELT3023 Datasheet (HTML) - Everlight Electronics Co., Ltd

Back Button ELT3023 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELT3023 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELT3023 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELT3023 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELT3023 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELT3023 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELT3023 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELT3023 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELT3023 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELT3023 Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button 

ELT3023 Product details

Description
The ELT302X and ELT305X series of devices each consist of a GaAs infrared emitting diode optically coupled to a monolithic silicon random phase photo Triac.
They are designed for interfacing between electronic controls and power triacs to control resistive and inductive loads for 115 to 240 VAC operations.

Features:
• Peak breakdown voltage
   - 400V: ELT302X
   - 600V: ELT305X
• High isolation voltage between input and output (Viso=5000 V rms )
• Compact dual-in-line package
• Pb free and RoHS compliant.
• UL approved (No. E214129)
• VDE approved (No.132249)
• SEMKO approved
• NEMKO approved
• DEMKO approved
• FIMKO approved

Applications
• Solenoid/valve controls
• Lamp ballasts
• Static AC power switch
• Interfacing microprocessors to 115 to 240Vac peripherals
• Incandescent lamp dimmers
• Temperature controls
• Motor controls




Similar Part No. - ELT3023

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELT3023 EVERLIGHT-ELT3023 Datasheet
769Kb / 13P
   4 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
More results


Similar Description - ELT3023

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELT302X EVERLIGHT-ELT302X_14 Datasheet
769Kb / 13P
   4 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL301X EVERLIGHT-EL301X Datasheet
1Mb / 12P
   5 PIN DIP RANDOM-PHASE TRIAC DRIVER
EL301X_0808 EVERLIGHT-EL301X_0808 Datasheet
316Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER
EL301X EVERLIGHT-EL301X Datasheet
312Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL301X EVERLIGHT-EL301X_15 Datasheet
509Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL301X EVERLIGHT-EL301X_17 Datasheet
901Kb / 14P
   5 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
ON Semiconductor
MOC3071M ONSEMI-MOC3071M Datasheet
519Kb / 15P
   6-Pin DIP Random-Phase Triac Driver Optocoupler
November 2016 - Rev. 1
logo
Fairchild Semiconductor
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
   6-Pin DIP Random-phase Optoisolators Triac Driver Output
logo
ON Semiconductor
MOC3010M ONSEMI-MOC3010M Datasheet
348Kb / 12P
   6-Pin DIP Random-Phase Triac Driver Output Optocoupler
May, 2018 ??Rev. 1
logo
Motorola, Inc
MOC3020 MOTOROLA-MOC3020 Datasheet
299Kb / 6P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com