Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847CW-G Datasheet (PDF) - Comchip Technology

BC847CW-G Datasheet PDF - Comchip Technology
Part # BC847CW-G
Download  BC847CW-G Download

File Size   135.09 Kbytes
Page   5 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Small Signal Transistor

BC847CW-G Datasheet (PDF)

Go To PDF Page Download Datasheet
BC847CW-G Datasheet PDF - Comchip Technology

Part # BC847CW-G
Download  BC847CW-G Click to download

File Size   135.09 Kbytes
Page   5 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Small Signal Transistor

BC847CW-G Datasheet (HTML) - Comchip Technology

BC847CW-G Datasheet HTML 1Page - Comchip Technology BC847CW-G Datasheet HTML 2Page - Comchip Technology BC847CW-G Datasheet HTML 3Page - Comchip Technology BC847CW-G Datasheet HTML 4Page - Comchip Technology BC847CW-G Datasheet HTML 5Page - Comchip Technology

BC847CW-G Product details

Features
- Power dissipation
   PCM: 0.15W (@TA=25°C)
- Collector current
   ICM: 0.1A
- Collector-base voltage
   VCBO: BC846W=80V
               BC847W=50V
               BC848W=30V




Similar Part No. - BC847CW-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
BC847CW-G COMCHIP-BC847CW-G Datasheet
129Kb / 6P
   Small Signal Transistor
More results


Similar Description - BC847CW-G

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD446010 SENSITRON-SHD446010 Datasheet
37Kb / 2P
   SMALL SIGNAL TRANSISTOR
SHD444104 SENSITRON-SHD444104 Datasheet
155Kb / 2P
   SMALL SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
ISA1989AU1 ISAHAYA-ISA1989AU1 Datasheet
139Kb / 3P
   SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
   SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
   Small Signal Transistor
logo
Isahaya Electronics Cor...
2SC4258 ISAHAYA-2SC4258 Datasheet
316Kb / 6P
   SMALL-SIGNAL TRANSISTOR
2SC3581 ISAHAYA-2SC3581 Datasheet
121Kb / 3P
   SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT5089 KEXIN-FMMT5089 Datasheet
35Kb / 1P
   Small Signal Transistor
logo
Isahaya Electronics Cor...
2SC5974A ISAHAYA-2SC5974A Datasheet
78Kb / 4P
   SMALL-SIGNAL TRANSISTOR
2SC5974B ISAHAYA-2SC5974B Datasheet
78Kb / 4P
   SMALL-SIGNAL TRANSISTOR
RT1N137P ISAHAYA-RT1N137P Datasheet
146Kb / 3P
   SMALL-SIGNAL TRANSISTOR
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com