Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRB480 Datasheet (PDF) - Siemens Semiconductor Group

LRB480 Datasheet PDF - Siemens Semiconductor Group
Part # LRB480
Download  LRB480 Download

File Size   429.53 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Symbol LED 5 mm x 2.5 mm, Partly Diffused

LRB480 Datasheet (PDF)

Go To PDF Page Download Datasheet
LRB480 Datasheet PDF - Siemens Semiconductor Group

Part # LRB480
Download  LRB480 Click to download

File Size   429.53 Kbytes
Page   7 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Symbol LED 5 mm x 2.5 mm, Partly Diffused

LRB480 Datasheet (HTML) - Siemens Semiconductor Group

LRB480 Datasheet HTML 1Page - Siemens Semiconductor Group LRB480 Datasheet HTML 2Page - Siemens Semiconductor Group LRB480 Datasheet HTML 3Page - Siemens Semiconductor Group LRB480 Datasheet HTML 4Page - Siemens Semiconductor Group LRB480 Datasheet HTML 5Page - Siemens Semiconductor Group LRB480 Datasheet HTML 6Page - Siemens Semiconductor Group LRB480 Datasheet HTML 7Page - Siemens Semiconductor Group

LRB480 Product details

Features
● colored, partly diffused package
● for use as optical indicator in frontpanel
● solder leads without stand-off
● Bargraph displays
● available taped on reel
● load dump resistance acc. to DIN 40839



Similar Part No. - LRB480

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LRB480-BD SIEMENS-LRB480-BD Datasheet
94Kb / 1P
   RECTANGULAR LED LAMP
LRB480-C SIEMENS-LRB480-C Datasheet
94Kb / 1P
   RECTANGULAR LED LAMP
LRB4801111 SIEMENS-LRB4801111 Datasheet
94Kb / 1P
   RECTANGULAR LED LAMP
More results


Similar Description - LRB480

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LUB371 SIEMENS-LUB371 Datasheet
335Kb / 7P
   Symbol MULTILED 2.5 mm x 5 mm, Partly Diffused
LRH380 SIEMENS-LRH380 Datasheet
437Kb / 8P
   Symbol LED 5 mm T1 3/4 LED, Partly Diffused
LUH371 SIEMENS-LUH371 Datasheet
331Kb / 7P
   Symbol MULTILED 5 mm T1 3/4, Partly Diffused
logo
Vishay Siliconix
TLSG5101 VISHAY-TLSG5101 Datasheet
128Kb / 7P
   Symbol LED, 2.5 x 5 mm Flat Tinted Top-Diffused Package
Rev. A3, 05-Oct-00
TLSH510 VISHAY-TLSH510 Datasheet
101Kb / 8P
   Symbol LED, 2.5 x 5 mm Flat Tinted Top-Diffused Package
Rev. A1, 04-Feb-99
TLSV5100 VISHAY-TLSV5100_V01 Datasheet
107Kb / 6P
   Bicolor Symbol LED in 2.5 mm x 5 mm Untinted Top-Diffused Package
09-Jul-2021
TLVS5100 VISHAY-TLVS5100 Datasheet
109Kb / 6P
   Bicolor Symbol LED in 2.5 mm x 5 mm Untinted Top-Diffused Package
Rev. 1.7, 23-May-13
TLSV5100 VISHAY-TLSV5100 Datasheet
92Kb / 6P
   Bicolor Symbol LED in 2.5 x 5 mm Untinted Top-Diffused Package
Rev. A1, 04-Feb-99
TLSH210 VISHAY-TLSH210 Datasheet
95Kb / 8P
   Symbol LED in 2 x 5 mm Flat Tinted Top-Diffused Package
Rev. A1, 04-Feb-99
TSDF2005W VISHAY-TSDF2005W Datasheet
116Kb / 7P
   Symbol LED in 2 x 5 mm Flat and Tinted Top-Diffused Package
Rev. A3, 05-Oct-00
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com