Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8N50L-TF2-T Datasheet (PDF) - Unisonic Technologies

8N50L-TF2-T Datasheet PDF - Unisonic Technologies
Part # 8N50L-TF2-T
Download  8N50L-TF2-T Download

File Size   182.47 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 8A, 500V N-CHANNEL POWER MOSFET

8N50L-TF2-T Datasheet (PDF)

Go To PDF Page Download Datasheet
8N50L-TF2-T Datasheet PDF - Unisonic Technologies

Part # 8N50L-TF2-T
Download  8N50L-TF2-T Click to download

File Size   182.47 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 8A, 500V N-CHANNEL POWER MOSFET

8N50L-TF2-T Datasheet (HTML) - Unisonic Technologies

8N50L-TF2-T Datasheet HTML 1Page - Unisonic Technologies 8N50L-TF2-T Datasheet HTML 2Page - Unisonic Technologies 8N50L-TF2-T Datasheet HTML 3Page - Unisonic Technologies 8N50L-TF2-T Datasheet HTML 4Page - Unisonic Technologies 8N50L-TF2-T Datasheet HTML 5Page - Unisonic Technologies 8N50L-TF2-T Datasheet HTML 6Page - Unisonic Technologies



Similar Part No. - 8N50L-TF2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8N50L-TF2-T UTC-8N50L-TF2-T Datasheet
206Kb / 6P
   N-CHANNEL POWER MOSFET
More results


Similar Description - 8N50L-TF2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8N50H UTC-8N50H Datasheet
204Kb / 5P
   8A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT8N50 AOSMD-AOT8N50 Datasheet
147Kb / 6P
   500V, 8A N-Channel MOSFET
AOWF8N50 AOSMD-AOWF8N50 Datasheet
385Kb / 5P
   500V, 8A N-Channel MOSFET
logo
KIA Semiconductor Techn...
840U KIA-840U Datasheet
242Kb / 7P
   8A 500V N-CHANNEL MOSFET
logo
Unisonic Technologies
UF840 UTC-UF840 Datasheet
172Kb / 8P
   8A, 500V, 0.85ohm, N-CHANNEL POWER MOSFET
logo
Tak Cheong Electronics ...
TFP840 TAK_CHEONG-TFP840 Datasheet
343Kb / 7P
   N-Channel Power MOSFET 8A, 500V, 0.9廓
logo
Jiangsu Donghai Semicon...
840 WXDH-840 Datasheet
1Mb / 12P
   8A 500V N-channel Enhancement Mode Power MOSFET
logo
Tak Cheong Electronics ...
TFF840 TAK_CHEONG-TFF840 Datasheet
323Kb / 7P
   N-Channel Power MOSFET 8A, 500V, 0.9廓
logo
Unisonic Technologies
UF840 UTC-UF840_14 Datasheet
455Kb / 9P
   8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com