Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5N80_1108 Datasheet (PDF) - Unisonic Technologies

5N80_1108 Datasheet PDF - Unisonic Technologies
Part # 5N80_1108
Download  5N80_1108 Download

File Size   178.37 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 5A, 800V N-CHANNEL POWER MOSFET

5N80_1108 Datasheet (PDF)

Go To PDF Page Download Datasheet
5N80_1108 Datasheet PDF - Unisonic Technologies

Part # 5N80_1108
Download  5N80_1108 Click to download

File Size   178.37 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 5A, 800V N-CHANNEL POWER MOSFET

5N80_1108 Datasheet (HTML) - Unisonic Technologies

5N80_1108 Datasheet HTML 1Page - Unisonic Technologies 5N80_1108 Datasheet HTML 2Page - Unisonic Technologies 5N80_1108 Datasheet HTML 3Page - Unisonic Technologies 5N80_1108 Datasheet HTML 4Page - Unisonic Technologies 5N80_1108 Datasheet HTML 5Page - Unisonic Technologies



Similar Part No. - 5N80_1108

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N80 UTC-5N80_15 Datasheet
248Kb / 7P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
logo
Inchange Semiconductor ...
5N80 ISC-5N80_18 Datasheet
320Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - 5N80_1108

ManufacturerPart #DatasheetDescription
logo
Rohm
R8005ANX ROHM-R8005ANX Datasheet
901Kb / 15P
   Nch 800V 5A Power MOSFET
logo
STMicroelectronics
STB5NB80 STMICROELECTRONICS-STB5NB80 Datasheet
87Kb / 8P
   N - CHANNEL 800V - 1.8ohm - 5A -D2PAK PowerMESH] MOSFET
logo
Rohm
R8005ANJ ROHM-R8005ANJ Datasheet
995Kb / 14P
   Nch 800V 5A Power MOSFET
R8005ANJFRG ROHM-R8005ANJFRG Datasheet
1Mb / 14P
   Nch 800V 5A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
   800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
   800V N-Channel Power MOSFET
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
   800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4N80 TSC-TSM4N80 Datasheet
216Kb / 7P
   800V N-Channel Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com