Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILQ615-1 Datasheet (PDF) - Siemens Semiconductor Group

ILQ615-1 Datasheet PDF - Siemens Semiconductor Group
Part # ILQ615-1
Download  ILQ615-1 Download

File Size   95.33 Kbytes
Page   5 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTOTRANSISTOR OPTOCOUPLER

ILQ615-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILQ615-1 Datasheet PDF - Siemens Semiconductor Group

Part # ILQ615-1
Download  ILQ615-1 Click to download

File Size   95.33 Kbytes
Page   5 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTOTRANSISTOR OPTOCOUPLER

ILQ615-1 Datasheet (HTML) - Siemens Semiconductor Group

ILQ615-1 Datasheet HTML 1Page - Siemens Semiconductor Group ILQ615-1 Datasheet HTML 2Page - Siemens Semiconductor Group ILQ615-1 Datasheet HTML 3Page - Siemens Semiconductor Group ILQ615-1 Datasheet HTML 4Page - Siemens Semiconductor Group ILQ615-1 Datasheet HTML 5Page - Siemens Semiconductor Group

ILQ615-1 Product details

DUAL CHANNEL ILD615

QUAD CHANNEL ILQ615



DESCRIPTION

The ILD/Q615 are multi-channel phototransistor optocouplers that use GaAs IRLED emitters and high gain NPN phototransistors. These devices are constructed using over/under leadframe optical coupling and double molded insulation technology resulting a Withstand Test Voltage of 7500 VACPEAK and a Working Voltage of 1700 VACRMS.



FEATURES

• Identical Channel to Channel Footprint

• Current Transfer Ratio (CTR) Range at IF=10 mA

ILD/Q615-1: 40 – 80% Min.

ILD/Q615-2: 63 – 125% Min.

ILD/Q615-3: 100 – 200% Min.

ILD/Q615-4: 160 – 320% Min.

• Guaranteed CTR at IF=1 mA

ILD/Q615-1: 13% Min.

ILD/Q615-2: 22% Min.

ILD/Q615-3: 34% Min.

ILD/Q615-4: 56% Min.

• High Collector-Emitter Voltage BVCEO=70 V

• Dual and Quad Packages Feature:

- Reduced Board Space

- Lower Pin and Parts Count

- Better Channel to Channel CTR Match

- Improved Common Mode Rejection

• Field-Effect Stable by TRIOS (TRansparent IOn Shield)

• Isolation Test Voltage from Double Molded Package, 5300 VACRMS




Similar Part No. - ILQ615-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILQ615-1 VISHAY-ILQ615-1 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILQ615-1 VISHAY-ILQ615-1 Datasheet
212Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.6, 04-Mar-11
ILQ615-1 VISHAY-ILQ615-1 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ615-1X009 VISHAY-ILQ615-1X009 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILQ615-1X009 VISHAY-ILQ615-1X009 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
More results


Similar Description - ILQ615-1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
   Phototransistor Optocoupler
logo
QT Optoelectronics
MCT271 QT-MCT271 Datasheet
455Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
IL1 SIEMENS-IL1 Datasheet
81Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Microsemi Corporation
MXP1158 MICROSEMI-MXP1158 Datasheet
38Kb / 1P
   Phototransistor Optocoupler
logo
Vishay Siliconix
VOL628A VISHAY-VOL628A_18 Datasheet
220Kb / 9P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 1.8, 09-Aug-2018
logo
QT Optoelectronics
MCT2E QT-MCT2E Datasheet
608Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
General Semiconductor
MCT26 GE-MCT26 Datasheet
123Kb / 2P
   PHOTOTRANSISTOR OPTOCOUPLER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com