Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8858 Datasheet (PDF) - Asahi Kasei Microsystems

AK8858 Datasheet PDF - Asahi Kasei Microsystems
Part # AK8858
Download  AK8858 Download

File Size   890.91 Kbytes
Page   96 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description PS/SD Multi Format Video Decoder

AK8858 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK8858 Datasheet PDF - Asahi Kasei Microsystems

Part # AK8858
Download  AK8858 Click to download

File Size   890.91 Kbytes
Page   96 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description PS/SD Multi Format Video Decoder

AK8858 Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK8858 Datasheet HTML 1Page - Asahi Kasei Microsystems AK8858 Datasheet HTML 2Page - Asahi Kasei Microsystems AK8858 Datasheet HTML 3Page - Asahi Kasei Microsystems AK8858 Datasheet HTML 4Page - Asahi Kasei Microsystems AK8858 Datasheet HTML 5Page - Asahi Kasei Microsystems AK8858 Datasheet HTML 6Page - Asahi Kasei Microsystems AK8858 Datasheet HTML 7Page - Asahi Kasei Microsystems AK8858 Datasheet HTML 8Page - Asahi Kasei Microsystems AK8858 Datasheet HTML 9Page - Asahi Kasei Microsystems AK8858 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK8858 Product details

Overview
The AK8858 is a single-chip digital video decoder for composite, s-video, 525i/625i component and 525p/625p component video signals. Its output data is in YCbCr and RGB format. Its pixel clock is generated internally and synchronized with the input signal. Microprocessor access is via I2C interface.

Features
■ Decodes composite and S-Video signals NTSC/ PAL-B, D, G, H, I, N, Nc, M, 60 /SECAM
■ Decode 525i / 625i YPbPr component video signals
■ Decode 525p / 625p YPbPr component video signals
■ 10 input channel
■ 10-bit 54MHz ADC 2 channel
■ Internally built PLL
■ Internal analog bandwidth filter
■ Programmable Gain Amp (PGA) (-3.25dB~ 10dB)
■ Adaptive automatic Gain Control (AGC)
■ Auto Color Control (Composite and S-Video signals)
■ Image adjustment (Contrast, Brightness, Saturation, HUE, Sharpness)
■ Automatic input signal detection (NTSC/ PAL/ SECAM detect、 Interlace/ Progressive detect)
■ Adaptive 2-D Y/C separation
■ Output data format
YCbCr 4:2:2 or RGB 8:8:8
■ Output interface
   (YCbCr)
      Interlace: ITU-R BT.656 (8bit 27MHz) and 16bit 13.5MHz with EAV/ SAV
      Progressive: 16bit 27MHz and 8bit 54MHz with EAV/ SAV
   (RGB)
      Interlace: 8bit:8bit:8bit 13.5MHz with EAV/ SAV
      Progressive: 8bit:8bit:8bit 27MHz with EAV/ SAV
   *EAV/ SAV output can be disabled via register
■ HD, VD, DVALID and FIELD (VD, DVALID, FIELD can be select up to 2 output via register setting)
■ Closed Caption / WSS / CGMS-A signal decoding (output via register).
■ Macrovision signal detection (Rovi certification)
■ I2C control
■ Powerdown function
■ Internal VREF
■ Core supply voltage: 1.70∼2.00V
■ I/O power supply: 1.70∼3.60V
■ Operating temperature: −40°C∼105°C
■ 80-pin LQFP package (12.0mm x 12.0mm)




Similar Part No. - AK8858

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8850 AKM-AK8850 Datasheet
1Mb / 99P
   NTSC Digital Video Decoder
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
AK8851VQ AKM-AK8851VQ Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
AK8853VN AKM-AK8853VN Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
More results


Similar Description - AK8858

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8854VQ AKM-AK8854VQ Datasheet
1Mb / 95P
   Multi-Format Digital Video Decoder
AK8825 AKM-AK8825 Datasheet
1Mb / 162P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8826 AKM-AK8826 Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8826VN AKM-AK8826VN Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
logo
National Semiconductor ...
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
LMH1981 NSC-LMH1981 Datasheet
679Kb / 13P
   Multi-Format Video Sync Separator
logo
Texas Instruments
LMH1981 TI1-LMH1981 Datasheet
1Mb / 24P
[Old version datasheet]   Multi-Format Video Sync Separator
logo
Synaptics Incorporated.
CX25850 CONEXANT-CX25850 Datasheet
187Kb / 2P
   Multi-Channel Video Decoder
logo
Toshiba Semiconductor
TC90104AFG TOSHIBA-TC90104AFG Datasheet
750Kb / 16P
   Multi System Video Decoder
logo
STMicroelectronics
STV6437 STMICROELECTRONICS-STV6437 Datasheet
101Kb / 4P
   Audio/video buffer and four-channel SD/PS/HD video filter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com