Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS64V4120GU Datasheet (PDF) - Siemens Semiconductor Group

HYS64V4120GU Datasheet PDF - Siemens Semiconductor Group
Part # HYS64V4120GU
Download  HYS64V4120GU Download

File Size   72.85 Kbytes
Page   11 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 3.3V 4M x 64-Bit 2 BANK SDRAM Module 3.3V 4M x 72-Bit 2 BANK SDRAM Module

HYS64V4120GU Datasheet (PDF)

Go To PDF Page Download Datasheet
HYS64V4120GU Datasheet PDF - Siemens Semiconductor Group

Part # HYS64V4120GU
Download  HYS64V4120GU Click to download

File Size   72.85 Kbytes
Page   11 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 3.3V 4M x 64-Bit 2 BANK SDRAM Module 3.3V 4M x 72-Bit 2 BANK SDRAM Module

HYS64V4120GU Datasheet (HTML) - Siemens Semiconductor Group

Back Button HYS64V4120GU Datasheet HTML 1Page - Siemens Semiconductor Group HYS64V4120GU Datasheet HTML 2Page - Siemens Semiconductor Group HYS64V4120GU Datasheet HTML 3Page - Siemens Semiconductor Group HYS64V4120GU Datasheet HTML 4Page - Siemens Semiconductor Group HYS64V4120GU Datasheet HTML 5Page - Siemens Semiconductor Group HYS64V4120GU Datasheet HTML 6Page - Siemens Semiconductor Group HYS64V4120GU Datasheet HTML 7Page - Siemens Semiconductor Group HYS64V4120GU Datasheet HTML 8Page - Siemens Semiconductor Group HYS64V4120GU Datasheet HTML 9Page - Siemens Semiconductor Group HYS64V4120GU Datasheet HTML 10Page - Siemens Semiconductor Group Next Button 

HYS64V4120GU Product details

3.3V 4M x 64-Bit 2 BANK SDRAM Module
3.3V 4M x 72-Bit 2 BANK SDRAM Module
168 pin unbuffered DIMM Modules

The HYS64(72)V4120GU-10 are industry standard 168-pin 8-byte Dual in-line Memory Modules (DIMMs) which are organised as 4M x 64 and 4M x 72 in two banks high speed memory arrays designed with Synchronous DRAMs (SDRAMs) for non-parity and ECC applications. The DIMMs use 16 2M x 8 SDRAMs for the 4M x 64 organisation and additional two SDRAMs for the 4M x 72 organisation. Decoupling capacitors are mounted on the PC board.

• 168 Pin JEDEC Standard, Unbuffered 8 Byte Dual-In-Line SDRAM Module for PC main memory applications
• 2 bank 4M x 64, 4M x 72 organisation
• Optimized for byte-write non-parity or ECC applications
• Fully PC66 layout compatible
• JEDEC standard Synchronous DRAMs (SDRAM)
• Performance:
• Single +3.3V(± 0.3V ) power supply
• Programmable CAS Latency, Burst Length and Wrap Sequence (Sequential & Interleave)
• Auto Refresh (CBR) and Self Refresh
• Decoupling capacitors mounted on substrate
• All inputs, outputs are LVTTL compatible
• Serial Presence Detect with E2PROM
• Utilizes 16 / 18 2M x 8 SDRAMs in TSOPII-44 packages
• 4096 refresh cycles every 64 ms
• Gold contact pad
• Card Size: 133,35 mm x 29.21 mm x 4,00 mm for HYS64(72)V4120GU




Similar Part No. - HYS64V4120GU

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS64V4200GU-10 SIEMENS-HYS64V4200GU-10 Datasheet
76Kb / 15P
   3.3V 4M x 64/72-Bit 1 BANK SDRAM Module 3.3V 8M x 64/72-Bit 2 BANK SDRAM Module
HYS64V4200GU-8 SIEMENS-HYS64V4200GU-8 Datasheet
76Kb / 15P
   3.3V 4M x 64/72-Bit 1 BANK SDRAM Module 3.3V 8M x 64/72-Bit 2 BANK SDRAM Module
HYS64V4200GU-8B SIEMENS-HYS64V4200GU-8B Datasheet
76Kb / 15P
   3.3V 4M x 64/72-Bit 1 BANK SDRAM Module 3.3V 8M x 64/72-Bit 2 BANK SDRAM Module
HYS64V4220GU-10 SIEMENS-HYS64V4220GU-10 Datasheet
104Kb / 17P
   3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
HYS64V4220GU-8 SIEMENS-HYS64V4220GU-8 Datasheet
104Kb / 17P
   3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
More results


Similar Description - HYS64V4120GU

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS64-72V2200GU-8 SIEMENS-HYS64-72V2200GU-8 Datasheet
104Kb / 17P
   3.3V 2M x 64/72-Bit 1 BANK SDRAM Module 3.3V 4M x 64/72-Bit 2 BANK SDRAM Module
HYS6472V4200GU SIEMENS-HYS6472V4200GU Datasheet
76Kb / 15P
   3.3V 4M x 64/72-Bit 1 BANK SDRAM Module 3.3V 8M x 64/72-Bit 2 BANK SDRAM Module
HYS64-74V8200GU SIEMENS-HYS64-74V8200GU Datasheet
84Kb / 17P
   3.3 V 8M x 64/72-Bit 1 Bank SDRAM Module 3.3 V 16M x 64/72-Bit 2 Bank SDRAM Module
HYS64V1000GS-10 SIEMENS-HYS64V1000GS-10 Datasheet
68Kb / 9P
   3.3V 1M x 64-Bit SDRAM Module 3.3V 1M x 72-Bit SDRAM Module
HYS64V8000GU SIEMENS-HYS64V8000GU Datasheet
68Kb / 11P
   3.3V 8M x 64-Bit SDRAM Module 3.3V 8M x 72-Bit SDRAM Module
HYS64V2100G SIEMENS-HYS64V2100G Datasheet
75Kb / 12P
   3.3V 2M x 64-Bit SDRAM Module 3.3V 2M x 72-Bit SDRAM Module
HYM64V4005GU-50 SIEMENS-HYM64V4005GU-50 Datasheet
95Kb / 17P
   3.3V 4M x 64-Bit EDO-DRAM Module 3.3V 4M x 72-Bit EDO-DRAM Module
logo
Infineon Technologies A...
HYS64V16300GU INFINEON-HYS64V16300GU Datasheet
322Kb / 20P
   3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
2001.09
logo
Mitsubishi Electric Sem...
M5M4V4S40CTP-12 MITSUBISHI-M5M4V4S40CTP-12 Datasheet
1Mb / 45P
   4M (2-BANK x 131072-WORD x 16-BIT) Synchronous DRAM
logo
Hitachi Semiconductor
HM5225645F HITACHI-HM5225645F Datasheet
81Kb / 16P
   256M LVTTL interface SDRAM 100 MHz 1-Mword x 64-bit x 4-bank/2-Mword x 32-bit x 4-bank PC/100 SDRAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com