Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB314175BJ-50- Datasheet (PDF) - Siemens Semiconductor Group

HYB314175BJ-50- Datasheet PDF - Siemens Semiconductor Group
Part # HYB314175BJ-50-
Download  HYB314175BJ-50- Download

File Size   1307.2 Kbytes
Page   24 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh

HYB314175BJ-50- Datasheet (PDF)

Go To PDF Page Download Datasheet
HYB314175BJ-50- Datasheet PDF - Siemens Semiconductor Group

Part # HYB314175BJ-50-
Download  HYB314175BJ-50- Click to download

File Size   1307.2 Kbytes
Page   24 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh

HYB314175BJ-50- Datasheet (HTML) - Siemens Semiconductor Group

Back Button HYB314175BJ-50- Datasheet HTML 1Page - Siemens Semiconductor Group HYB314175BJ-50- Datasheet HTML 2Page - Siemens Semiconductor Group HYB314175BJ-50- Datasheet HTML 3Page - Siemens Semiconductor Group HYB314175BJ-50- Datasheet HTML 4Page - Siemens Semiconductor Group HYB314175BJ-50- Datasheet HTML 5Page - Siemens Semiconductor Group HYB314175BJ-50- Datasheet HTML 6Page - Siemens Semiconductor Group HYB314175BJ-50- Datasheet HTML 7Page - Siemens Semiconductor Group HYB314175BJ-50- Datasheet HTML 8Page - Siemens Semiconductor Group HYB314175BJ-50- Datasheet HTML 9Page - Siemens Semiconductor Group HYB314175BJ-50- Datasheet HTML 10Page - Siemens Semiconductor Group Next Button 

HYB314175BJ-50- Product details

3.3V 256 K x 16-Bit EDO-DRAM
3.3V 256 K x 16-Bit EDO-DRAM
(Low power version with Self Refresh)

The HYB 314175BJ/BJL is the new generation dynamic RAM organized as 262 144 words by 16-bit. The HYB 314175BJ/BJL utilizes CMOS silicon gate process as well as advanced circuit techniques to provide wide operation margins, both internally and for the system user. Multiplexed address inputs permit the HYB 314175BJ/BJL to be packed in a standard plastic 400mil wide P-SOJ-40-1 package. This package size provides high system bit densities and is compatible with commonly used automatic testing and insertion equipment. System oriented features include Self Refresh (L-Version), single + 3.3 V (± 0.3 V) power supply, direct interfacing with high performance logic device families.

Preliminary Information
• 262 144 words by 16-bit organization
• 0 to 70 °C operating temperature
• Fast access and cycle time
• RAS access time:
   50 ns (-50 version)
   55 ns (-55 version)
   60 ns (-60 version)
• CAS access time:
   13ns (-50 & -55 version)
   15 ns (-60 version)
• Cycle time:
   89 ns (-50 version)
   94 ns (-55 version)
   104 ns (-60 version)
• Hype page mode (EDO) cycle time
   20 ns (-50 & -55 version)
   25 ns (-60 version)
• High data rate
   50 MHz (-50 & -55 version)
   40 MHz (-60 version)
• Single + 3.3 V (±0.3 V) supply with a builtin VBB generator
• Low Power dissipation
   max. 450 mW active (-50 version)
   max. 432 mW active (-55 version)
   max. 378 mW active (-60 version)
• Standby power dissipation
   7.2 mW standby (TTL)
   3.6 mW max. standby (CMOS)
   0.72 mW max. standby (CMOS) for
   Low Power Version
• Output unlatched at cycle end allows two-dimensional chip selection
• Read, write, read-modify write, CASbefore-RAS refresh, RAS-only refresh, hidden-refresh and hyper page (EDO) mode capability
• 2 CAS / 1 WE control
• Self Refresh (L-Version)
• All inputs and outputs TTL-compatible
• 512 refresh cycles / 16 ms
• 512 refresh cycles / 128 ms
   Low Power Version only
• Plastic Packages:
   P-SOJ-40-1 400mil width



Similar Part No. - HYB314175BJ-50-

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB314171BJ-50 SIEMENS-HYB314171BJ-50 Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
HYB314171BJ-50- SIEMENS-HYB314171BJ-50- Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
HYB314171BJ-60 SIEMENS-HYB314171BJ-60 Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
HYB314171BJ-70 SIEMENS-HYB314171BJ-70 Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
HYB314171BJL-50 SIEMENS-HYB314171BJL-50 Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
More results


Similar Description - HYB314175BJ-50-

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M11L416256SA ESMT-M11L416256SA Datasheet
389Kb / 16P
   256 K x 16 DRAM EDO PAGE MODE
M11B416256A ESMT-M11B416256A Datasheet
375Kb / 15P
   256 K x 16 DRAM EDO PAGE MODE
logo
Siemens Semiconductor G...
HYB314171BJ-50- SIEMENS-HYB314171BJ-50- Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
logo
Elpida Memory
HM51W16165 ELPIDA-HM51W16165 Datasheet
618Kb / 35P
   16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
HM5118165 ELPIDA-HM5118165 Datasheet
597Kb / 32P
   16 M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
logo
Hitachi Semiconductor
HM5118165 HITACHI-HM5118165 Datasheet
336Kb / 33P
   16M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
logo
Elpida Memory
HM51W17805 ELPIDA-HM51W17805 Datasheet
560Kb / 32P
   16 M EDO DRAM (2-Mword x 8-bit) 2 k Refresh
HM5117805 ELPIDA-HM5117805 Datasheet
549Kb / 32P
   16 M EDO DRAM (2-Mword X 8-bit) 2 k Refresh
logo
Hitachi Semiconductor
HM51W16165 HITACHI-HM51W16165 Datasheet
461Kb / 36P
   16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
logo
Siemens Semiconductor G...
HYM64V1005GU-5 SIEMENS-HYM64V1005GU-5 Datasheet
74Kb / 14P
   3.3V 1M x 64-Bit EDO-DRAM Module 3.3V 1M x 72-Bit EDO-DRAM Module
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com