|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HDN1105G - 0.39(10MM) SEVEN SEGMENT NUMERIC DISPLAY LOW CURRENT - Siemens Semiconductor Group |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HDN1131 | 0.59 13MM SEVEN SEGMENT NUMERIC DISPLAY LOW CURRENT | 1 | Siemens Semiconductor Group |
| TDSL51.0 | Low Current 13 mm Seven Segment Display | 1 2 3 4 5 More | Vishay Siliconix |
| HDN1075O | SEVEN SEGMENT DISPLAY 7MM LOW CURRENT VERSION | 1 2 3 4 5 | Siemens Semiconductor Group |
| HDN1131O | SEVEN SEGMENT DISPLAY 13MM LOW CURRENT VERSION | 1 2 3 4 5 | Siemens Semiconductor Group |
| LTS2301AWC | 0.28 INCH DIGIT HEIGHT SINGLE DIGIT LOW CURRENT SEVEN SEGMENT DISPLAY | 1 2 3 4 5 | Lite-On Technology Corporation |
| TDSL1150 | Low Current 7 mm Seven Segment Display | 1 2 3 4 5 More | Vishay Siliconix |
| TDSL3150 | Low Current 10 mm Seven Segment Display | 1 2 3 4 5 More | Vishay Siliconix |
| TDSL5150 | Low Current 13 mm Seven Segment Display | 1 2 3 4 5 More | Vishay Siliconix |
| HDSP-H103 | Low Current Seven Segment Displays | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| NTE3061 | 0.3â Single Digit Numeric Display Seven Segment Common Anode | 1 2 3 | NTE Electronics |
Datasheet Page |
1 |
Link URL |
|
|