|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HDN1075O - 0.28(7MM) SEVEN SEGMANT NUMERIC DISPLAY SOW CURRENT - Siemens Semiconductor Group |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HDN1075O | SEVEN SEGMENT DISPLAY 7MM LOW CURRENT VERSION | 1 2 3 4 5 | Siemens Semiconductor Group |
| LTS2301AWC | 0.28 INCH DIGIT HEIGHT SINGLE DIGIT LOW CURRENT SEVEN SEGMENT DISPLAY | 1 2 3 4 5 | Lite-On Technology Corporation |
| HDN1105 | 0.39 10MM SEVEN SEGMENT NUMERIC DISPLAY LOW CURRENT | 1 | Siemens Semiconductor Group |
| HDN1131 | 0.59 13MM SEVEN SEGMENT NUMERIC DISPLAY LOW CURRENT | 1 | Siemens Semiconductor Group |
| TDSL1150 | Low Current 7 mm Seven Segment Display | 1 2 3 4 5 More | Vishay Siliconix |
| NTE3057 | 0.3 Single Digit Numeric Display Seven Segment Common Cathode | 1 2 3 | NTE Electronics |
| HD1075 | Seven Segment display 7mm | 1 2 3 4 5 More | Siemens Semiconductor Group |
| TDSL3150 | Low Current 10 mm Seven Segment Display | 1 2 3 4 5 More | Vishay Siliconix |
| NTE3052 | 0.3â Single Digit Numeric Display Seven Segment Common Anode | 1 2 3 | NTE Electronics |
| MS256 | SEVEN SEGEMENT NUMERIC DISPLAY | 1 2 | Micro Electronics |
Datasheet Page |
1 |
Link URL |
|
|