Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK5014DPP-E0 Datasheet (PDF) - Renesas Technology Corp

RJK5014DPP-E0 Datasheet PDF - Renesas Technology Corp
Part # RJK5014DPP-E0
Download  RJK5014DPP-E0 Download

File Size   87.36 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 500V - 19A - MOS FET High Speed Power Switching

RJK5014DPP-E0 Datasheet (PDF)

Go To PDF Page Download Datasheet
RJK5014DPP-E0 Datasheet PDF - Renesas Technology Corp

Part # RJK5014DPP-E0
Download  RJK5014DPP-E0 Click to download

File Size   87.36 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 500V - 19A - MOS FET High Speed Power Switching

RJK5014DPP-E0 Datasheet (HTML) - Renesas Technology Corp

RJK5014DPP-E0 Datasheet HTML 1Page - Renesas Technology Corp RJK5014DPP-E0 Datasheet HTML 2Page - Renesas Technology Corp RJK5014DPP-E0 Datasheet HTML 3Page - Renesas Technology Corp RJK5014DPP-E0 Datasheet HTML 4Page - Renesas Technology Corp RJK5014DPP-E0 Datasheet HTML 5Page - Renesas Technology Corp RJK5014DPP-E0 Datasheet HTML 6Page - Renesas Technology Corp RJK5014DPP-E0 Datasheet HTML 7Page - Renesas Technology Corp

RJK5014DPP-E0 Product details

Features

Low on-resistance

RDS(on)= 0.325Ω typ. (at ID= 9.5 A, VGS= 10 V, Ta = 25°C)

Low leakage current

High speed switching




Similar Part No. - RJK5014DPP-E0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK5014DPP-E0 RENESAS-RJK5014DPP-E0_15 Datasheet
87Kb / 7P
   500V - 19A - MOS FET High Speed Power Switching
More results


Similar Description - RJK5014DPP-E0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK5014DPP-E0 RENESAS-RJK5014DPP-E0_15 Datasheet
87Kb / 7P
   500V - 19A - MOS FET High Speed Power Switching
RJL5014DPP-A0 RENESAS-RJL5014DPP-A0 Datasheet
172Kb / 7P
   500V - 19A - MOS FET High Speed Power Switching
Mar.23.2021
RJK5014DPP-A0 RENESAS-RJK5014DPP-A0 Datasheet
170Kb / 7P
   500V - 19A - MOS FET High Speed Power Switching
Mar.10.2021
RJL6015DPK RENESAS-RJL6015DPK_15 Datasheet
84Kb / 7P
   600V - 19A - MOS FET High Speed Power Switching
RJK5032DPH-E0 RENESAS-RJK5032DPH-E0 Datasheet
99Kb / 7P
   500V - 3A - MOS FET High Speed Power Switching
RJK5032DPH-E0 RENESAS-RJK5032DPH-E0_15 Datasheet
99Kb / 7P
   500V - 3A - MOS FET High Speed Power Switching
2SK1522-E1-E RENESAS-2SK1522-E1-E_15 Datasheet
95Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
2SK1629-E1-E RENESAS-2SK1629-E1-E_15 Datasheet
137Kb / 7P
   500V - 30A - MOS FET High Speed Power Switching
H5N5016PL-E0-E RENESAS-H5N5016PL-E0-E_15 Datasheet
97Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
RJK5012DPP-E0 RENESAS-RJK5012DPP-E0_15 Datasheet
88Kb / 7P
   500V - 12A - MOS FET High Speed Power Switching
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com