Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N683A Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N683A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N683A
Download  2N683A Download

File Size   120.55 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SCR, V(DRM) = 100V to 199.9V

2N683A Datasheet (PDF)

Go To PDF Page Download Datasheet
2N683A Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N683A
Download  2N683A Click to download

File Size   120.55 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SCR, V(DRM) = 100V to 199.9V

2N683A Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.

2N683A Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.

2N683A Product details

Description: SCR, V(DRM) = 100 V to 199.9 V




Similar Part No. - 2N683A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N683A CENTRAL-2N683A Datasheet
98Kb / 2P
   SILICON CONTROLLED RECTIFIER 25 AMPS, 25 THRU 800 VOLTS
More results


Similar Description - 2N683A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N5062 NJSEMI-2N5062 Datasheet
88Kb / 1P
   SCR, V(DRM) = 100V TO 199.9V
2N1772 NJSEMI-2N1772 Datasheet
90Kb / 1P
   SCR, V (DRM) = 100V TO 199.9 V
2N4174 NJSEMI-2N4174 Datasheet
131Kb / 1P
   SCR, V(DRM) == 600V TO 699.9V
2N5171 NJSEMI-2N5171 Datasheet
109Kb / 1P
   SCR, V(DRM) = 600V TO 699.9V
2N4108 NJSEMI-2N4108 Datasheet
82Kb / 1P
   SCR, V(DRM) = 50V TO 99.9V
2N4173 NJSEMI-2N4173 Datasheet
117Kb / 1P
   SCR, V(DRM) = 500V TO 599.9V
2N4216 NJSEMI-2N4216 Datasheet
109Kb / 1P
   SCR, V(DRM) = 200V TO 299.9V
2N3562 NJSEMI-2N3562 Datasheet
103Kb / 1P
   SCR, V(DRM) = 200V TO 299.9V
2N1774 NJSEMI-2N1774 Datasheet
111Kb / 1P
   SCR, V (DRM) = 200V TO 299.9 V
150C15B NJSEMI-150C15B Datasheet
112Kb / 1P
   SCR, (DRM) = 100 V TO 199.9 V
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com