Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA78R000F Datasheet (PDF) - KEC(Korea Electronics)

KIA78R000F Datasheet PDF - KEC(Korea Electronics)
Part # KIA78R000F
Download  KIA78R000F Download

File Size   103.21 Kbytes
Page   10 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT

KIA78R000F Datasheet (PDF)

Go To PDF Page Download Datasheet
KIA78R000F Datasheet PDF - KEC(Korea Electronics)

Part # KIA78R000F
Download  KIA78R000F Click to download

File Size   103.21 Kbytes
Page   10 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description BIPOLAR LINEAR INTEGRATED CIRCUIT

KIA78R000F Datasheet (HTML) - KEC(Korea Electronics)

KIA78R000F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 8Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 9Page - KEC(Korea Electronics) KIA78R000F Datasheet HTML 10Page - KEC(Korea Electronics)

KIA78R000F Product details

4 ,5 TERMINAL LOW DROP VOLTAGE REGULATOR

[Low Quiescent Current-Type]



The KIA78R F/PI Series are Low Dropout Voltage Regulator suitable for various electronic equipments. The Regulator has multi function such as over current protection, overheat protection.



FEATURES

1.0A Output Low Drop Voltage Regulator.

Built in ON/OFF Control Terminal. (Active High)

Built in Over Current Protection, Over Heat Protection Function.

Low Quiescent Current (Output OFF mode) : 0.5A(Typ.)

Low Standby Current : 800A(Typ.)



 




Similar Part No. - KIA78R000F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA78R000F/PI KEC-KIA78R000F/PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA78R000F KEC-KIA78R000F_15 Datasheet
108Kb / 10P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Similar Description - KIA78R000F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com