Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R6018ANJ Datasheet (PDF) - Rohm

R6018ANJ Datasheet PDF - Rohm
Part # R6018ANJ
Download  R6018ANJ Download

File Size   1180.29 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 10V Drive Nch MOSFET

R6018ANJ Datasheet (PDF)

Go To PDF Page Download Datasheet
R6018ANJ Datasheet PDF - Rohm

Part # R6018ANJ
Download  R6018ANJ Click to download

File Size   1180.29 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 10V Drive Nch MOSFET

R6018ANJ Datasheet (HTML) - Rohm

R6018ANJ Datasheet HTML 1Page - Rohm R6018ANJ Datasheet HTML 2Page - Rohm R6018ANJ Datasheet HTML 3Page - Rohm R6018ANJ Datasheet HTML 4Page - Rohm R6018ANJ Datasheet HTML 5Page - Rohm R6018ANJ Datasheet HTML 6Page - Rohm

R6018ANJ Product details

Features
1) Low on-resistance.
2) Fast switching speed.
3) Gate-source voltage (VGSS) guaranteed to be ±30V.
4) Drive circuits can be simple.
5) Parallel use is easy.
6) Pb-free lead plating ; RoHS compliant

Application
   Switching Power Supply




Similar Part No. - R6018ANJ

ManufacturerPart #DatasheetDescription
logo
Rohm
R6018ANX ROHM-R6018ANX Datasheet
193Kb / 6P
   10V Drive Nch MOSFET
R6018ANX ROHM-R6018ANX Datasheet
1Mb / 14P
   Nch 600V 18A Power MOSFET
R6018ANX ROHM-R6018ANX_12 Datasheet
1Mb / 14P
   Nch 600V 18A Power MOSFET
More results


Similar Description - R6018ANJ

ManufacturerPart #DatasheetDescription
logo
Rohm
R5007ANX ROHM-R5007ANX Datasheet
287Kb / 6P
   10V Drive Nch MOSFET
R5009ANX ROHM-R5009ANX Datasheet
274Kb / 6P
   10V Drive Nch MOSFET
R5013ANX ROHM-R5013ANX Datasheet
243Kb / 6P
   10V Drive Nch MOSFET
ZDX130N50 ROHM-ZDX130N50 Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5019ANJ ROHM-R5019ANJ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R6020FNX ROHM-R6020FNX Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCD040N25 ROHM-RCD040N25 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCX450N20 ROHM-RCX450N20 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
R6020ANZ ROHM-R6020ANZ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5011ANJ ROHM-R5011ANJ Datasheet
269Kb / 6P
   10V Drive Nch MOSFET
R5011ANX ROHM-R5011ANX Datasheet
237Kb / 6P
   10V Drive Nch MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com