Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V10PL45 Datasheet (PDF) - Vishay Siliconix

V10PL45 Datasheet PDF - Vishay Siliconix
Part # V10PL45
Download  V10PL45 Download

File Size   608.91 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier

V10PL45 Datasheet (PDF)

Go To PDF Page Download Datasheet
V10PL45 Datasheet PDF - Vishay Siliconix

Part # V10PL45
Download  V10PL45 Click to download

File Size   608.91 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier

V10PL45 Datasheet (HTML) - Vishay Siliconix

V10PL45 Datasheet HTML 1Page - Vishay Siliconix V10PL45 Datasheet HTML 2Page - Vishay Siliconix V10PL45 Datasheet HTML 3Page - Vishay Siliconix V10PL45 Datasheet HTML 4Page - Vishay Siliconix V10PL45 Datasheet HTML 5Page - Vishay Siliconix

V10PL45 Product details

FEATURES

• Very low profile - typical height of 1.1 mm

• Ideal for automated placement

• Trench MOS Schottky technology

• Low forward voltage drop, low power losses

• High efficiency operation

• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C

• Material categorization: For definitions of compliance please see www.vishay.com/doc?99912



TYPICAL APPLICATIONS

  For use in low voltage high frequency DC/DC converters, freewheeling, and polarity protection applications.



 




Similar Part No. - V10PL45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V10PL45-M3 VISHAY-V10PL45-M3 Datasheet
88Kb / 6P
   Trench MOS Barrier Schottky Rectifier
Revision: 09-Dec-13
V10PL45-M3 VISHAY-V10PL45-M3 Datasheet
103Kb / 5P
   High Current Density Surface Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
V10PL45-M3 VISHAY-V10PL45-M3_15 Datasheet
86Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 09-Dec-13
V10PL45-M3 VISHAY-V10PL45-M3_V01 Datasheet
103Kb / 5P
   High Current Density Surface Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
More results


Similar Description - V10PL45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V8P10 VISHAY-V8P10 Datasheet
90Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 26-Jun-07
V15P45 VISHAY-V15P45 Datasheet
91Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 19-Apr-11
V10P12-M386A VISHAY-V10P12-M386A Datasheet
109Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 25-Jul-12
V20PW12C VISHAY-V20PW12C Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW45C VISHAY-V20PW45C Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW10 VISHAY-V20PW10 Datasheet
120Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW10C VISHAY-V20PW10C Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW12 VISHAY-V20PW12 Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V10P20 VISHAY-V10P20_15 Datasheet
82Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 15-Aug-13
V10P45-M3 VISHAY-V10P45-M3_15 Datasheet
84Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 06-May-15
V10PN50-M3 VISHAY-V10PN50-M3_15 Datasheet
85Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com