Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US1A Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

US1A Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # US1A
Download  US1A Download

File Size   120.06 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 1.0 A

US1A Datasheet (PDF)

Go To PDF Page Download Datasheet
US1A Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # US1A
Download  US1A Click to download

File Size   120.06 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 1.0 A

US1A Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd

US1A Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd US1A Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd

US1A Product details

Reverse Voltage 50 --- 1000 V
Forward Current 1.0 A

Features
• Low reverse leakage
• High forward surge capability
• High temperature soldering guaranteed:
   260℃/10 seconds at terminals
• Lead and body according with RoHS standard




Similar Part No. - US1A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
US1A DIODES-US1A Datasheet
148Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
DS16008 Rev. 9 - 2
logo
Shanghai Leiditech Elec...
US1A LEIDITECH-US1A Datasheet
184Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Pan Jit International I...
US1A PANJIT-US1A Datasheet
72Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Rugao Dachang Electroni...
US1A DACHANG-US1A Datasheet
120Kb / 2P
   Surface Mounted High-efficiency Rectifier
logo
Weitron Technology
US1A WEITRON-US1A Datasheet
128Kb / 3P
   Surface Mount Ultra Fast Rectifiers
More results


Similar Description - US1A

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
US1AL DACHANG-US1AL Datasheet
129Kb / 2P
   Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 1.0 A
US2A DACHANG-US2A Datasheet
118Kb / 2P
   Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 2.0 A
US3A DACHANG-US3A Datasheet
118Kb / 2P
   Surface Mounted High-efficiency Rectifier Reverse Voltage 50 --- 1000 V Forward Current 3.0 A
logo
Gaomi Xinghe Electronic...
M1 GXELECTRONICS-M1 Datasheet
469Kb / 2P
   Surface Mount General Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
logo
Rugao Dachang Electroni...
RS1A DACHANG-RS1A Datasheet
119Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
RS1AL DACHANG-RS1AL Datasheet
129Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
1N4001G DACHANG-1N4001G Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
1N4001 DACHANG-1N4001 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
1A1 DACHANG-1A1 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
logo
Microdiode Electronics ...
HER302 CHENDA-HER302 Datasheet
321Kb / 2P
   HIGH EFFICIENCY RECTIFIER Reverse Voltage: 50 to 1000 Volts Forward Current: 3.0Amperes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com