Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS26B Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

SS26B Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # SS26B
Download  SS26B Download

File Size   116.16 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 150 V Forward Current 2.0 A

SS26B Datasheet (PDF)

Go To PDF Page Download Datasheet
SS26B Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # SS26B
Download  SS26B Click to download

File Size   116.16 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 150 V Forward Current 2.0 A

SS26B Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd

SS26B Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd SS26B Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd

SS26B Product details

Surface Mount Schottky Barrier Rectifier

Reverse Voltage 20 to 150 V

Forward Current 2.0 A



Features

 Low Forward Voltage Drop

 High Current Capability

 High temperature soldering guaranteed: 260℃/10 seconds, 0.375" (9.5mm) lead length,  5 lbs. (2.3kg) tension

 Lead and body according with RoHS standard



 




Similar Part No. - SS26B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SS26B LUGUANG-SS26B Datasheet
248Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Rugao Dachang Electroni...
SS26B DACHANG-SS26B Datasheet
116Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Microdiode Electronics ...
SS26B CHENDA-SS26B Datasheet
952Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SS26B LEIDITECH-SS26B Datasheet
283Kb / 3P
   Schottky rectifier
logo
FutureWafer Tech Co.,Lt...
SS26B FUTUREWAFER-SS26B Datasheet
1,014Kb / 7P
   Surface Mount Schottky Barrier Rectifier
More results


Similar Description - SS26B

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
SS22A DACHANG-SS22A Datasheet
116Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 150 V Forward Current 2.0 A
SS32B DACHANG-SS32B Datasheet
116Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 150 V Forward Current 3.0 A
SS32A DACHANG-SS32A Datasheet
115Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 100 V Forward Current 3.0 A
SS32C DACHANG-SS32C Datasheet
116Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 200 V Forward Current 3.0 A
SS12A DACHANG-SS12A Datasheet
115Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 100 V Forward Current 1.0 A
logo
AiT Semiconductor Inc.
DS12W AITSEMI-DS12W Datasheet
716Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1A
REV1.0
logo
Foshan Blue Rocket Elec...
SS22F FOSHAN-SS22F Datasheet
950Kb / 6P
   Surface Mount Schottky Barrier Rectifier, Reverse Voltage:20 to 200 V, Forward Current:2.0A, SMAF
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22_15 Datasheet
157Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 2.0 Amperes
SK2XA GOOD-ARK-SK2XA_15 Datasheet
156Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 2.0 Amperes
logo
E-CMOS Corporation
EC76DSS22 E-CMOS-EC76DSS22 Datasheet
170Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com