Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM79L08 Datasheet (PDF) - Shenzhen Jin Yu Semiconductor Co., Ltd.

LM79L08 Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.
Part # LM79L08
Download  LM79L08 Download

File Size   1245.58 Kbytes
Page   2 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description Three-terminal negative voltage regulator

LM79L08 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM79L08 Datasheet PDF - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # LM79L08
Download  LM79L08 Click to download

File Size   1245.58 Kbytes
Page   2 Pages
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.
Description Three-terminal negative voltage regulator

LM79L08 Datasheet (HTML) - Shenzhen Jin Yu Semiconductor Co., Ltd.

LM79L08 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. LM79L08 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

LM79L08 Product details

Three-terminal negative voltage regulator

    Maximum output current IO: 0.1 A
    Output voltageVO: -8 V
    Continuous total dissipation
        PD : SOT-23-3L 0.35 W (Ta= 25 ℃ )
                SOT-89 0.5 W (Ta= 25 ℃ )



Similar Part No. - LM79L08

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM79L08 HTC-LM79L08 Datasheet
235Kb / 10P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM79L08 KEXIN-LM79L08 Datasheet
64Kb / 1P
   Three-terminal negative voltage regulator
logo
Tiger Electronic Co.,Lt...
LM79L08 TGS-LM79L08 Datasheet
437Kb / 2P
   TO-92 Encapsulate Three-terminal voltage regulator
logo
First Components Intern...
LM79L08 FCI-LM79L08 Datasheet
2Mb / 7P
   LM79L00 Series 3-Terminal Negative Output Voltage Regulators
logo
HTC Korea TAEJIN Techno...
LM79L08F HTC-LM79L08F Datasheet
235Kb / 10P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results


Similar Description - LM79L08

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
LM79L12 HTSEMI-LM79L12 Datasheet
988Kb / 2P
   Three-terminal negative voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78L08 WINNERJOIN-WEJ78L08_15 Datasheet
143Kb / 1P
   Three-terminal negative voltage regulator
WEJ79L09 WINNERJOIN-WEJ79L09 Datasheet
128Kb / 1P
   Three-terminal negative voltage regulator
logo
Jiangsu Changjiang Elec...
CJ7908 JIANGSU-CJ7908 Datasheet
794Kb / 3P
   Three-terminal negative voltage regulator
CJ7915F JIANGSU-CJ7915F Datasheet
1Mb / 2P
   Three-terminal negative voltage regulator
CJ7912 JIANGSU-CJ7912 Datasheet
788Kb / 3P
   Three-terminal negative voltage regulator
CJ79L05-SOT-23-3L JIANGSU-CJ79L05-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
CJ79L09-SOT-23-3L JIANGSU-CJ79L09-SOT-23-3L Datasheet
135Kb / 2P
   Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
LM79L15 KEXIN-LM79L15 Datasheet
64Kb / 1P
   Three-terminal Negative Voltage Regulator
logo
Jiangsu Changjiang Elec...
CJ79L09 JIANGSU-CJ79L09 Datasheet
3Mb / 4P
   Three-terminal negative voltage regulator
logo
Guangdong Kexin Industr...
KA090Q05 KEXIN-KA090Q05 Datasheet
175Kb / 1P
   Three-Terminal Negative Voltage Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com