Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFP405 Datasheet (PDF) - Siemens Semiconductor Group

BFP405 Datasheet PDF - Siemens Semiconductor Group
Part # BFP405
Download  BFP405 Download

File Size   49.22 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For low current applications For oscillators up to 12 GHz)

BFP405 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFP405 Datasheet PDF - Siemens Semiconductor Group

Part # BFP405
Download  BFP405 Click to download

File Size   49.22 Kbytes
Page   8 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description NPN Silicon RF Transistor (For low current applications For oscillators up to 12 GHz)

BFP405 Datasheet (HTML) - Siemens Semiconductor Group

BFP405 Datasheet HTML 1Page - Siemens Semiconductor Group BFP405 Datasheet HTML 2Page - Siemens Semiconductor Group BFP405 Datasheet HTML 3Page - Siemens Semiconductor Group BFP405 Datasheet HTML 4Page - Siemens Semiconductor Group BFP405 Datasheet HTML 5Page - Siemens Semiconductor Group BFP405 Datasheet HTML 6Page - Siemens Semiconductor Group BFP405 Datasheet HTML 7Page - Siemens Semiconductor Group BFP405 Datasheet HTML 8Page - Siemens Semiconductor Group

BFP405 Product details

NPN Silicon RF Transistor

• For low current applications
• For oscillators up to 12 GHz
• Noise figure F = 1.15 dB at 1.8 GHz
   outstanding Gms = 22 dB at 1.8 GHz
• Transition frequency fT = 25 GHz
• Gold metalization for high reliability
• SIEGET® 25 - Line
   Siemens Grounded Emitter Transistor 25 GHz fT - Line



Similar Part No. - BFP405

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP405 INFINEON-BFP405 Datasheet
83Kb / 7P
   NPN Silicon RF Transistor
Aug-20-2001
BFP405 INFINEON-BFP405 Datasheet
540Kb / 9P
   NPN Silicon RF Transistor
2009-11-06
BFP405 INFINEON-BFP405 Datasheet
565Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
   NPN Silicon RF Transistor
Dec-07-2001
BFP405F INFINEON-BFP405F Datasheet
72Kb / 7P
   NPN Silicon RF Transistor
2007-04-20
More results


Similar Description - BFP405

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP420 SIEMENS-BFP420 Datasheet
50Kb / 8P
   NPN Silicon RF Transistor (For high gain low noise amplifiers For oscillators up to 10 GHz)
logo
Vishay Siliconix
TSDF1205 VISHAY-TSDF1205_08 Datasheet
342Kb / 7P
   12 GHz Silicon NPN Planar RF Transistor
Rev. 1.7, 08-Sep-08
TSDF1205 VISHAY-TSDF1205_05 Datasheet
221Kb / 7P
   12 GHz Silicon NPN Planar RF Transistor
Rev. 1.5, 02-May-05
TSDF1220 VISHAY-TSDF1220_08 Datasheet
342Kb / 7P
   12 GHz Silicon NPN Planar RF Transistor
Rev. 1.8, 08-Sep-08
logo
Siemens Semiconductor G...
BFQ82 SIEMENS-BFQ82 Datasheet
400Kb / 18P
   NPN Silicon RF Transistor (For low-noise, high-gain amplifiers up to 2 GHz. Linear broadband applications at collector currents up to 40 mA.)
BFQ81 SIEMENS-BFQ81 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz and broadband analog and digital applications)
BFR35AP SIEMENS-BFR35AP Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 0.5mA to 20mA)
BFP193W SIEMENS-BFP193W Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFR193 SIEMENS-BFR193 Datasheet
56Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
BFG193 SIEMENS-BFG193 Datasheet
48Kb / 6P
   NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com