|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BBY33DA-2 - Silicon Tuning Varactor (Abrupt junction tuning diode Tuning range 25 V High figure of merit) - Siemens Semiconductor Group |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BBY24-BBY27 | Silicon Tuning Varactors Abrupt junction tuning diode Tuning range 120 V | 1 2 | Siemens Semiconductor Group |
| BBY35F | Silicon Tuning Varactor Hyperabrupt junction tuning diode Frequency linear tuning range 4 ⦠12 V | 1 2 | Siemens Semiconductor Group |
| MV1863D | SILICON ABRUPT TUNING VARACTOR DIODE | 1 | Advanced Semiconductor |
| MA45851 | SILICON ABRUPT TUNING VARACTOR DIODE | 1 | Advanced Semiconductor |
| AT6017-10 | SILICON ABRUPT JUNCTION TUNING VARACTOR | 1 | Advanced Semiconductor |
| AT6019-10 | SILICON ABRUPT JUNCTION TUNING VARACTOR | 1 | Advanced Semiconductor |
| AT6019M | SILICON ABRUPT JUNCTION TUNING VARACTOR | 1 | Advanced Semiconductor |
| AT6020 | SILICON ABRUPT JUNCTION TUNING VARACTOR | 1 | Advanced Semiconductor |
| AT6021 | SILICON ABRUPT JUNCTION TUNING VARACTOR | 1 | Advanced Semiconductor |
| BBY34C | Silicon Tuning Varactors Hyperabrupt junction tuning diode Frequency linear tuning range 4 ⦠12 V | 1 2 | Siemens Semiconductor Group |
Datasheet Page |
1 2 |
Link URL |
|
|