Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1PB Datasheet (PDF) - Vishay Siliconix

RS1PB Datasheet PDF - Vishay Siliconix
Part # RS1PB
Download  RS1PB Download

File Size   84.53 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Density Surface Mount Glass Passivated Fast Switching Rectifier

RS1PB Datasheet (PDF)

Go To PDF Page Download Datasheet
RS1PB Datasheet PDF - Vishay Siliconix

Part # RS1PB
Download  RS1PB Click to download

File Size   84.53 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Density Surface Mount Glass Passivated Fast Switching Rectifier

RS1PB Datasheet (HTML) - Vishay Siliconix

RS1PB Datasheet HTML 1Page - Vishay Siliconix RS1PB Datasheet HTML 2Page - Vishay Siliconix RS1PB Datasheet HTML 3Page - Vishay Siliconix RS1PB Datasheet HTML 4Page - Vishay Siliconix

RS1PB Product details

FEATURES
• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Glass passivated pellet chip junction
• Fast switching for high efficiency
• Low thermal resistance
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C
• AEC-Q101 qualified available
    - Automotive ordering code; base P/NHM3
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
    For use in fast switching rectification of power supply, inverters, converters, and freewheeling diodes for consumer, automotive and telecommunication.




Similar Part No. - RS1PB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RS1PB VISHAY-RS1PB Datasheet
489Kb / 4P
   High Current Density Surface Mount Glass Passivated Fast Switching Rectifier
Revision: 21-Aug-13
RS1PB VISHAY-RS1PB Datasheet
99Kb / 5P
   High Current Density Surface-Mount Glass Passivated Fast Switching Rectifier
01-Jan-2022
RS1PB VISHAY-RS1PB_V01 Datasheet
99Kb / 5P
   High Current Density Surface-Mount Glass Passivated Fast Switching Rectifier
01-Jan-2022
More results


Similar Description - RS1PB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RS1PB VISHAY-RS1PB_V01 Datasheet
99Kb / 5P
   High Current Density Surface-Mount Glass Passivated Fast Switching Rectifier
01-Jan-2022
RS1PG-M3 VISHAY-RS1PG-M3 Datasheet
489Kb / 4P
   High Current Density Surface Mount Glass Passivated Fast Switching Rectifier
Revision: 21-Aug-13
S1PA VISHAY-S1PA Datasheet
153Kb / 2P
   High Current Density Surface Mount Glass-Passivated Rectifiers
23-Sep-04
S4PB VISHAY-S4PB Datasheet
96Kb / 5P
   High Current Density Surface Mount Glass Passivated Rectifiers
Revision: 19-Apr-11
S1PB VISHAY-S1PB_V01 Datasheet
100Kb / 5P
   High Current Density Surface-Mount Glass Passivated Rectifiers
01-Jan-2022
S1PM-M3 VISHAY-S1PM-M3 Datasheet
89Kb / 5P
   High Current Density Surface Mount Glass Passivated Rectifiers
Revision: 14-Aug-13
S1PB VISHAY-S1PB Datasheet
89Kb / 5P
   High Current Density Surface Mount Glass Passivated Rectifiers
Revision: 19-Apr-11
S4PB VISHAY-S4PB_V01 Datasheet
109Kb / 5P
   High Current Density Surface Mount Glass Passivated Rectifiers
01-Jan-2022
BYM11-50 VISHAY-BYM11-50_11 Datasheet
86Kb / 5P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
RGF1D-E3 VISHAY-RGF1D-E3 Datasheet
77Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Dec-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com