Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPG06A Datasheet (PDF) - Vishay Siliconix

MPG06A Datasheet PDF - Vishay Siliconix
Part # MPG06A
Download  MPG06A Download

File Size   78.84 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Miniature Glass Passivated Junction Plastic Rectifier

MPG06A Datasheet (PDF)

Go To PDF Page Download Datasheet
MPG06A Datasheet PDF - Vishay Siliconix

Part # MPG06A
Download  MPG06A Click to download

File Size   78.84 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Miniature Glass Passivated Junction Plastic Rectifier

MPG06A Datasheet (HTML) - Vishay Siliconix

MPG06A Datasheet HTML 1Page - Vishay Siliconix MPG06A Datasheet HTML 2Page - Vishay Siliconix MPG06A Datasheet HTML 3Page - Vishay Siliconix MPG06A Datasheet HTML 4Page - Vishay Siliconix

MPG06A Product details

FEATURES
• Glass passivated chip junction
• Low forward voltage drop
• Low leakage current, typical IR less than 0.1 μA
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• AEC-Q101 qualified
• Material categorization: For definitions of compliance please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
    For use in general purpose rectification of power supplies, inverters, converters, and freewheeling diodes application.




Similar Part No. - MPG06A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MPG06A GE-MPG06A Datasheet
50Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
MPG06A DACHANG-MPG06A Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Shenzhen Taychipst Elec...
MPG06A TAYCHIPST-MPG06A Datasheet
2Mb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
MPG06A VISHAY-MPG06A Datasheet
75Kb / 4P
   Miniature Glass Passivated Junction Plastic Rectifier
Revision: 04-Jul-13
logo
Rugao Dachang Electroni...
MPG06A DACHANG-MPG06A Datasheet
118Kb / 2P
   Plastic Fast Recover Rectifier
More results


Similar Description - MPG06A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MPG06A TAYCHIPST-MPG06A Datasheet
2Mb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
New Jersey Semi-Conduct...
1N4383GP NJSEMI-1N4383GP Datasheet
156Kb / 1P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
MPG06M-E3 VISHAY-MPG06M-E3 Datasheet
75Kb / 4P
   Miniature Glass Passivated Junction Plastic Rectifier
Revision: 04-Jul-13
logo
Pan Jit International I...
1A1G PANJIT-1A1G_09 Datasheet
83Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
MPG06A VISHAY-MPG06A_V01 Datasheet
434Kb / 4P
   Miniature Glass Passivated Junction Plastic Rectifier
02-Oct-12
logo
General Semiconductor
MPG06A GE-MPG06A Datasheet
50Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
List of Unclassifed Man...
BY126MGP ETC-BY126MGP Datasheet
94Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Pan Jit International I...
1A1G PANJIT-1A1G_07 Datasheet
117Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
General Semiconductor
RMPG06A GE-RMPG06A Datasheet
50Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
RL101G GOOD-ARK-RL101G Datasheet
182Kb / 2P
   MINIATURE GLASS PASSIVATED JUNCTION RECTIFIER
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com