Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDX83A Datasheet (PDF) - Inchange Semiconductor Company Limited

BDX83A Datasheet PDF - Inchange Semiconductor Company Limited
Part # BDX83A
Download  BDX83A Download

File Size   229.93 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Darlington Power Transistor

BDX83A Datasheet (PDF)

Go To PDF Page Download Datasheet
BDX83A Datasheet PDF - Inchange Semiconductor Company Limited

Part # BDX83A
Download  BDX83A Click to download

File Size   229.93 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Darlington Power Transistor

BDX83A Datasheet (HTML) - Inchange Semiconductor Company Limited

BDX83A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDX83A Datasheet HTML 2Page - Inchange Semiconductor Company Limited

BDX83A Product details

DESCRIPTION
• High DC Current Gain- : hFE= 1000(Min)@ IC= 5A
• Collector-Emitter Sustaining Voltage- : VCEO(SUS) = 45V(Min)- BDX83; 60V(Min)- BDX83A 80V(Min)- BDX83B; 100V(Min)- BDX83C

APPLICATIONS
• Power switching
• Hammer drivers
• Series and shunt regulators
• Audio amplifiers




Similar Part No. - BDX83A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BDX83A NJSEMI-BDX83A Datasheet
135Kb / 2P
   Silicon NPN Darlington Power Transistor
More results


Similar Description - BDX83A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T2142 ISC-T2142 Datasheet
171Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2N6532 ISC-2N6532 Datasheet
150Kb / 2P
   isc Silicon NPN Darlington Power Transistor
TIP140T ISC-TIP140T Datasheet
149Kb / 2P
   isc Silicon NPN Darlington Power Transistor
KSD985 ISC-KSD985 Datasheet
141Kb / 2P
   isc Silicon NPN Darlington Power Transistor
KSD986 ISC-KSD986 Datasheet
141Kb / 2P
   isc Silicon NPN Darlington Power Transistor
BDX65B ISC-BDX65B Datasheet
189Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD2051 ISC-2SD2051 Datasheet
263Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD2091 ISC-2SD2091 Datasheet
259Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD1566 ISC-2SD1566 Datasheet
271Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD460 ISC-2SD460 Datasheet
249Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD605 ISC-2SD605 Datasheet
251Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com