Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH3007 Datasheet (PDF) - Sanyo Semicon Device

MCH3007 Datasheet PDF - Sanyo Semicon Device
Part # MCH3007
Download  MCH3007 Download

File Size   85.7 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Frequency Low-Noise Amplifi er

MCH3007 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCH3007 Datasheet PDF - Sanyo Semicon Device

Part # MCH3007
Download  MCH3007 Click to download

File Size   85.7 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Frequency Low-Noise Amplifi er

MCH3007 Datasheet (HTML) - Sanyo Semicon Device

MCH3007 Datasheet HTML 1Page - Sanyo Semicon Device MCH3007 Datasheet HTML 2Page - Sanyo Semicon Device MCH3007 Datasheet HTML 3Page - Sanyo Semicon Device MCH3007 Datasheet HTML 4Page - Sanyo Semicon Device MCH3007 Datasheet HTML 5Page - Sanyo Semicon Device MCH3007 Datasheet HTML 6Page - Sanyo Semicon Device MCH3007 Datasheet HTML 7Page - Sanyo Semicon Device MCH3007 Datasheet HTML 8Page - Sanyo Semicon Device MCH3007 Datasheet HTML 9Page - Sanyo Semicon Device MCH3007 Datasheet HTML 10Page - Sanyo Semicon Device

MCH3007 Product details

NPN Epitaxial Planar Silicon Transistor

Features
• Low-noise use : NF=1.2dB typ (f=1GHz)
• High cut-off frequency : fT=8GHz typ (VCE=5V)
• High gain : |S21e|2=12dB typ (f=1GHz)
• Halogen free compliance




Similar Part No. - MCH3007

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH3007 ONSEMI-MCH3007 Datasheet
403Kb / 12P
   RF Transistor 12V, 30mA, fT=8GHz, NPN Single MCPH3
August, 2013
MCH3007-TL-H ONSEMI-MCH3007-TL-H Datasheet
403Kb / 12P
   RF Transistor 12V, 30mA, fT=8GHz, NPN Single MCPH3
August, 2013
More results


Similar Description - MCH3007

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4014 SANYO-MCH4014 Datasheet
84Kb / 10P
   High-Frequency Low-Noise Amplifi er
MCH4015 SANYO-MCH4015 Datasheet
83Kb / 9P
   High-Frequency Low-Noise Amplifi er
2SK932 SANYO-2SK932_12 Datasheet
335Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er
MGA-637P8 AVAGO-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
MGA-638P8 AVAGO-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com