|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
S30VTA60 - 3 Phase Bridge Diode(600V 30A) - Shindengen Electric Mfg.Co.Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RURP3060 | 30A 600V Ultrafast Diode | 1 2 3 4 | Fairchild Semiconductor |
| STW30NM60D | N-CHANNEL 600V - 0.125 - 30A TO-247 Fast Diode MDmesh MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| MSK4850H | 600V/150A THREE PHASE BRIDGE PEM WITH BRAKE | 1 2 3 4 5 | M.S. Kennedy Corporation |
| VUB120-12NO2 | Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System | 1 2 | IXYS Corporation |
| D30VTA160 | 3 Phase Bridge Diode 1600V 30A | 1 2 3 4 5 | Shindengen Electric Mfg.Co.Ltd |
| ISL9K3060G3 | 30A 600V Stealth⢠Dual Diode | 1 2 3 4 5 More | Fairchild Semiconductor |
| MSK4851H | 600V/200A THREE PHASE BRIDGE PEM WITH BRAKE | 1 2 3 4 5 | M.S. Kennedy Corporation |
| ISL9R3060G2 | 30A 600V Stealth⢠Diode | 1 2 3 4 5 More | Fairchild Semiconductor |
| S15VT80 | 3 Phase Bridge Diode | 1 2 3 4 5 | Shindengen Electric Mfg.Co.Ltd |
| QRE2412001 | 3 Phase Diode Bridge Module 120 Amp/Phase Up to 2400 Volts | 1 2 3 4 | Powerex Power Semiconductors |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|