|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
S30VT80 - 3 Phase Bridge Diode(800V 30A) - Shindengen Electric Mfg.Co.Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MM002-XX | 3 PHASE DIODE BRIDGE | 1 2 | Microsemi Corporation |
| VHF28-08IO5 | Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode | 1 2 3 | IXYS Corporation |
| VUB116 | Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System | 1 2 | IXYS Corporation |
| VVZB120 | Three Phase Half Controlled Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System | 1 2 3 | IXYS Corporation |
| D30VTA160 | 3 Phase Bridge Diode 1600V 30A | 1 2 3 4 5 | Shindengen Electric Mfg.Co.Ltd |
| PT308 | DIODE MODULE 30A/800V/1000V | 1 2 3 | Nihon Inter Electronics Corporation |
| VUB71 | Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System | 1 2 | IXYS Corporation |
| PC308 | DIODE MODULE 30A/800V | 1 2 3 | Nihon Inter Electronics Corporation |
| VUB120-12NO2 | Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System | 1 2 | IXYS Corporation |
| S15VT80 | 3 Phase Bridge Diode | 1 2 3 4 5 | Shindengen Electric Mfg.Co.Ltd |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|