Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1402 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SB1402 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SB1402
Download  2SB1402 Download

File Size   245.25 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Darlington Power Transistor

2SB1402 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1402 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SB1402
Download  2SB1402 Click to download

File Size   245.25 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Darlington Power Transistor

2SB1402 Datasheet (HTML) - Inchange Semiconductor Company Limited

2SB1402 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB1402 Datasheet HTML 2Page - Inchange Semiconductor Company Limited

2SB1402 Product details

DESCRIPTION
• Collector-Emitter Breakdown Voltage- : V(BR)CEO= -120V(Min)
• High DC Current Gain- : hFE= 1000(Min)@ (VCE= -3V, IC= -1.5A)

APPLICATIONS
• Designed for low frequency power amplifier applications.




Similar Part No. - 2SB1402

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SB1402 SAVANTIC-2SB1402 Datasheet
129Kb / 3P
   Silicon PNP Power Transistors
2SB1402 SAVANTIC-2SB1402 Datasheet
130Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SB1402 NJSEMI-2SB1402 Datasheet
128Kb / 2P
   Silicon PNP Darlington Power Transistor
More results


Similar Description - 2SB1402

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N6041 ISC-2N6041 Datasheet
151Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1100 ISC-2SB1100 Datasheet
154Kb / 2P
   isc Silicon PNP Darlington Power Transistor
BDX6A ISC-BDX6A Datasheet
190Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SA1046 ISC-2SA1046 Datasheet
252Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB786 ISC-2SB786 Datasheet
252Kb / 2P
   isc Silicon PNP Darlington Power Transistor
MJH11017 ISC-MJH11017 Datasheet
136Kb / 2P
   isc Silicon PNP Darlington Power Transistor
BD646F ISC-BD646F Datasheet
279Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1253 ISC-2SB1253_16 Datasheet
189Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1431 ISC-2SB1431 Datasheet
263Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
   isc Silicon PNP Darlington Power Transistor
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com