|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
D180SC6M - Schottky Rectifiers (SBD) (60V 180A) - Shindengen Electric Mfg.Co.Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| D1NS6 | Schottky Rectifiers SBD 60V 1A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| DF10SC6 | Schottky Rectifiers SBD 60V 10A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| D240SC6M | Schottky Rectifiers SBD 60V 240A | 1 | Shindengen Electric Mfg.Co.Ltd |
| DF25SC6M | Schottky Rectifiers SBD 60V 25A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| D240SC6MH | Schottky Rectifiers SBD 60V 240A | 1 | Shindengen Electric Mfg.Co.Ltd |
| S25SC6M | Schottky Rectifiers SBD 60V 25A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| D180SC4M | Schottky Rectifiers SBD 40V 180A | 1 | Shindengen Electric Mfg.Co.Ltd |
| D25SC6M | Schottky Rectifiers SBD 60V 25A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| S2S6M | Schottky Rectifiers SBD 60V 1.3A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| D25SC6MR | Schottky Rectifiers SBD 60V 25A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
Datasheet Page |
1 |
Link URL |
|
|