|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
D180SC4M - Schottky Rectifiers (SBD) (40V 180A) - Shindengen Electric Mfg.Co.Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| D2FS4 | Schottky Rectifiers SBD 40V 1.6A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| DF30SC4M | Schottky Rectifiers SBD 40V 30A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| D2S4M | Schottky Rectifiers SBD 40V 2A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| DF40SC4 | Schottky Rectifiers SBD 40V 40A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| D30SC4M | Schottky Rectifiers SBD 40V 30A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| M1FS4 | Schottky Rectifiers SBD 40V 1.33A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| D180SC6M | Schottky Rectifiers SBD 60V 180A | 1 | Shindengen Electric Mfg.Co.Ltd |
| D360SC4M | Schottky Rectifiers SBD 40V 360A | 1 | Shindengen Electric Mfg.Co.Ltd |
| S10SC4M | Schottky Rectifiers SBD 40V 10A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| D3FS4A | Schottky Rectifiers SBD 40V 2.6A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
Datasheet Page |
1 |
Link URL |
|
|