
Electronic Component's Datasheet Search Site 
Mirror site (Language) :
English
, Chinese
, German
, Japanese
, Russian
, Korean
, Spanish
, French
, Italian
, Portuguese
, Polish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
|
|
|
Featured Products and Offers |
D10SC4M Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd - Schottky Rectifiers (SBD) (40V 10A)
|
|
|
|
| Part No. | D10SC4M |
|
| Download |
D10SC4M Click to view |
|
| File Size | 695.58 Kbytes |
|
| Page | 11 Pages |
|
| Maker | SHINDENGEN [Shindengen Electric Mfg.Co.Ltd] |
|
| Homepage | http://www.shindengen.co.jp/ |
|
| Logo |  |
|
|
|
|
|
| |
Related Electronics Part Number |
|