|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2SK2676 - HVX-2 Series Power MOSFET(900V 10A) - Shindengen Electric Mfg.Co.Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2SK1686 | HVX SERIES POWER MOSFET 900V 10A | 1 2 | List of Unclassifed Manufacturers |
| 2SK2677 | HVX-2 Series Power MOSFET 900V 10A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| 2SK2799 | VX-2 Series Power MOSFET 350V 10A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| HUF76609D3 | 10A 100V 0.165 Ohm N-Channel Logic Level UltraFET Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| RFP10P03L | 10A 30V 0.200 ohm Logic Level P-Channel Power MOSFET | 1 2 3 4 5 More | Harris Corporation |
| 2SK2672 | HVX-2 Series Power MOSFET 900V 5A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| 2SK1391 | LVX Series Power MOSFET | 1 2 | List of Unclassifed Manufacturers |
| 2SJ372 | 60V SERIES POWER MOSFET | 1 | Shindengen Electric Mfg.Co.Ltd |
| APTC80AM75SC | Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module | 1 2 3 4 5 More | Advanced Power Technology |
| APTM100UM65S-ALN | Single switch Series & parallel diodes MOSFET Power Module | 1 2 3 4 5 More | Advanced Power Technology |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|