|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2SK2673 - HVX-2 Series Power MOSFET(900V 5A) - Shindengen Electric Mfg.Co.Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2SK1686 | HVX SERIES POWER MOSFET 900V 10A | 1 2 | List of Unclassifed Manufacturers |
| 2SK1685 | HVX Series Power MOSFET | 1 2 | Shindengen Electric Mfg.Co.Ltd |
| APTM50UM13S-ALN | Single switch Series & parallel diodes MOSFET Power Module | 1 2 3 4 5 More | Advanced Power Technology |
| APTM100H45ST | Full bridge Series & parallel diodes MOSFET Power Module | 1 2 3 4 5 More | Advanced Power Technology |
| STW12NK90Z | N-CHANNEL 900V - 0.72 ohm - 11A TO-247 Zener-Protected SuperMESH Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| 2SK2333 | HVX-2 Series Power MOSFET 700V 6A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| 2SK2288 | 60V SERIES POWER MOSFET | 1 2 | Shindengen Electric Mfg.Co.Ltd |
| 2SK1811 | LVX Series Power MOSFET | 1 2 | Shindengen Electric Mfg.Co.Ltd |
| 2SK1249 | VX Series Power MOSFET | 1 2 | List of Unclassifed Manufacturers |
| APTM20AM10ST | Phase leg Series & parallel diodes MOSFET Power Module | 1 2 3 4 5 More | Advanced Power Technology |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|