Datasheet Search System
Mirror site :
alldatasheet.net,
alldatasheet.co.kr
Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information
Part Name
Included
start with
end
match
Description
Shortcut :
2SC4050
(1)
2SC4051
(1)
2SC4052
(1)
2SC4053
(1)
2SC4054
(1)
2SC4055
(1)
2SC4056
(1)
2SC4057
(1)
2SC4058
(1)
2SC4059
(1)
2SC4051 - Switching Power Transistor(3A NPN) - Shindengen Electric Mfg.Co.Ltd
Click Here View
2SC4051
Datasheet
Part No.
2SC4051
Description
Switching Power Transistor(3A NPN)
Download
2SC4051
Click here
to View
File Size
524.41 Kbytes / 12 Pages
Maker
SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Homepage
http://www.shindengen.co.jp/top_e/index.html
Related Electronics Part Number
Part Number
Components Description
Manufacturer
UPA1478
NPN
SILICON
POWER
TRANSISTOR
ARRAY
LOW
SPEED
SWITCHING
USE
DARLINGTON
TRANSISTOR
INDUSTRIAL
USE
NEC
KTC3266
EPITAXIAL
PLANAR
NPN
TRANSISTOR
POWER
AMPLIFIER
POWER
SWITCHING
KEC(Korea Electronics)
KTD1413
EPITAXIAL
PLANAR
NPN
TRANSISTOR
HIGH
POWER
SWITCHING
HAMMER
DRIVER
PULSE
MOTOR
DRIVER
KEC(Korea Electronics)
FCX1047A
NPN
SILICON
POWER
SWITCHING
TRANSISTOR
Zetex Semiconductors
ZXTDBM832
MPPS-TM
Miniature
Package
Power
Solutions
DUAL
20V
NPN
SILICON
LOW
SATURATION
SWITCHING
TRANSISTOR
Zetex Semiconductors
CZT3120
SURFACE
MOUNT
NPN
SILICON
SWITCHING
POWER
TRANSISTOR
Central Semiconductor Corp
FCX1051A
NPN
SILICON
POWER
SWITCHING
TRANSISTOR
Zetex Semiconductors
2SD1308
NPN
SILICON
EPITAXIAL
DARLINGTON
TRANSISTOR
AUDIO
FREQUENCY
POWER
AMPLIFIER
AND
LOW
SPEED
SWITCHING
INDUSTRIAL
USE
ETC
UMT2222A
NPN
Medium
Power
Transistor
Switching
Rohm
2SD2403
NPN
SILICON
EPITAXIAL
TRANSISTOR
FOR
LOW-FREQUENCY
POWER
AMPLIFIERS
AND
MID-SPEED
SWITCHING
NEC
Link URL :
Related keyword
2SC4051 Datasheet
2SC4051 Cross Reference
2SC4051 Schematic
2SC4051 Distributor
2SC4051 Datenblatt
2SC4051 RoHS
2SC4051 Equivalent
2SC4051 Application Notes
2SC4051 Data Sheet
2SC4051 component
2SC4051 Fiche Technique
2SC4051 Circuit
Does ALLDATASHEET.COM help your business so far?
All Rights Reserved©
Alldatasheet.com
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer