Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

416LP4E Datasheet (PDF) - Hittite Microwave Corporation

416LP4E Datasheet PDF - Hittite Microwave Corporation
Part # 416LP4E
Download  416LP4E Download

File Size   220.38 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description MMIC VCO w/ BUFFER AMPLIFIER, 2.75 - 3.0 GHz

416LP4E Datasheet (PDF)

Go To PDF Page Download Datasheet
416LP4E Datasheet PDF - Hittite Microwave Corporation

Part # 416LP4E
Download  416LP4E Click to download

File Size   220.38 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description MMIC VCO w/ BUFFER AMPLIFIER, 2.75 - 3.0 GHz

416LP4E Datasheet (HTML) - Hittite Microwave Corporation

416LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 416LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 416LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 416LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 416LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 416LP4E Datasheet HTML 6Page - Hittite Microwave Corporation



Similar Part No. - 416LP4E

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
416 TEC-416 Datasheet
593Kb / 2P
   Economy Trimmers
logo
Precid-Dip Durtal SA
416-93-216-41-001 PREDIP-416-93-216-41-001 Datasheet
56Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
416-93-216-41-003 PREDIP-416-93-216-41-003 Datasheet
56Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
416-93-216-41-004 PREDIP-416-93-216-41-004 Datasheet
56Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
416-93-216-41-006 PREDIP-416-93-216-41-006 Datasheet
56Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
More results


Similar Description - 416LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC416LP4 HITTITE-HMC416LP4 Datasheet
237Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 2.75 - 3.0 GHz
HMC532LP4 HITTITE-HMC532LP4_09 Datasheet
202Kb / 4P
   MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
HMC358MS8G HITTITE-HMC358MS8G_08 Datasheet
202Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
HMC384LP4 HITTITE-HMC384LP4_06 Datasheet
314Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 2.05 - 2.25 GHz
HMC385LP4 HITTITE-HMC385LP4_08 Datasheet
245Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
HMC391LP4 HITTITE-HMC391LP4_09 Datasheet
238Kb / 4P
   MMIC VCO w/ BUFFER AMPLIFIER, 3.9 - 4.45 GHz
HMC430LP4 HITTITE-HMC430LP4_08 Datasheet
231Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.0 - 5.5 GHz
HMC385LP4 HITTITE-HMC385LP4 Datasheet
269Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 2.25 - 2.5 GHz
HMC388LP4 HITTITE-HMC388LP4 Datasheet
273Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 3.15 - 3.4 GHz
HMC358MS8G HITTITE-HMC358MS8G Datasheet
185Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com