|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
GL381 - High Output, f 3mm ResinMold Type Infrared Emitting Diode - Sharp Electrionic Components |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MIE-134A1-02 | GaAs HIGH POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE | 1 2 | Unity Opto Technology |
| MIE-524H4 | GaAlAs HIGH POWER T-1 3/4 PACKAGE INFRARED EMITTING DIODE | 1 2 | Unity Opto Technology |
| GL537 | Φ 5mm Resin Mold Type Infrared Emitting Diode | 1 2 3 | Sharp Electrionic Components |
| GL550 | High Speed Infrared Emitting Diode | 1 2 3 4 | Sharp Electrionic Components |
| SIM-20ST | Infrared light emitting diode side-view type | 1 2 3 | Rohm |
| MIE-144A4 | AlGaAs/GaAs High POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE | 1 2 | Unity Opto Technology |
| SIM-22ST | Infrared light emitting diode side-view type | 1 2 3 | Rohm |
| SIR-320ST3F | Infrared light emitting diode top view type | 1 2 3 | Rohm |
| GL371 | COMPACT RESIN STEM TYPE INFRARED EMITTING DIODE | 1 2 3 | Sharp Electrionic Components |
| TSHA550 | High Speed Infrared Emitting Diode 870 nm GaAlAs Double Hetero | 1 2 3 4 5 More | Vishay Siliconix |
Datasheet Page |
1 2 3 |
Link URL |
|
|