|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
1N6119 - 500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS - Semtech Corporation |
|
Click 1N6119 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| SA5A | 500W TRANSIENT VOLTAGE SUPPRESSORS | Won-Top Electronics |
| 1N6138 | 1500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS | Semtech Corporation |
| TISP2082 | DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS | Power Innovations Ltd |
| TISP3290 | DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS | Power Innovations Ltd |
| BZW03C | Silicon Z-Diodes and Transient Voltage Suppressors | Vishay Siliconix |
| 1V5KE6V8 | Transient Voltage Suppressors | Fairchild Semiconductor |
| P4SMAJ50 | 400 Watt Transient Voltage Suppressors 5.0 to 170 Volts | Micro Commercial Components |
| 1V5KE6V8A | Transient Voltage Suppressors | Fairchild Semiconductor |
| 1SMA10CAT3 | 400 Watt Peak Power Zener Transient Voltage Suppressors | ON Semiconductor |
| SMCJ5629 | Transient Voltage Suppressors | Microsemi Corporation |
Link URL |
|
|
Related keyword |
| 1N6119 Datasheet | 1N6119 Cross Reference | 1N6119 Schematic | 1N6119 Distributor | 1N6119 Datenblatt | 1N6119 RoHS |
| 1N6119 Equivalent | 1N6119 Application Notes | 1N6119 Data Sheet | 1N6119 component | 1N6119 Fiche Technique | 1N6119 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |