Datasheet Search System
Mirror site :
alldatasheet.net,
alldatasheet.co.kr
Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information
Part Name
Included
start with
end
match
Description
Shortcut :
1N4970
(10)
1N4971
(10)
1N4972
(10)
1N4973
(10)
1N4974
(10)
1N4975
(10)
1N4976
(10)
1N4977
(10)
1N4978
(10)
1N4979
(10)
1N4971 - 5 WATT VOLTAGE REGULATOR - Semtech Corporation
Click Here View
1N4971
Datasheet
Part No.
1N4971
Description
5 WATT VOLTAGE REGULATOR
Download
1N4971
Click here
to View
File Size
93.19 Kbytes / 2 Pages
Maker
SEMTECH [Semtech Corporation]
Homepage
http://www.semtech.com
Related Electronics Part Number
Part Number
Components Description
Manufacturer
TDA8589J
I2C-bus
controlled
4
45
Watt
power
amplifier
and
multiple
voltage
regulator
Philips Semiconductors
TDA8588J
I2C-bus
controlled
4
x
50
Watt
power
amplifier
and
multiple
voltage
regulator
Philips Semiconductors
L4949
MULTIFUNCTION
VERY
LOW
DROPOUT
VOLTAGE
REGULATOR
Motorola, Inc
NJM78L00
3-TERMINAL
POSITIVE
VOLTAGE
REGULATOR
New Japan Radio
SA50
GLASS
PASSIVATED
JUNCTION
TRANSIENT
VOLTAGE
SUPPRESSOR
VOLTAGE
-
5.0
TO
170
Volts
500
Watt
Peak
Pulse
Power
Pan Jit International Inc.
LM2598
SIMPLE
SWITCHER
Power
Converter
150
kHz
1A
Step-Down
Voltage
Regulator
with
Features
National Semiconductor
LM2676
SIMPLE
SWITCHER
High
Efficiency
3A
Step-Down
Voltage
Regulator
National Semiconductor
LP2987
Micropower
200
mA
Ultra
Low-Dropout
Voltage
Regulator
with
Programmable
Power-On
Reset
Delay;
Low
Noise
Version
Available
LP2988
National Semiconductor
NTE1735
Integrated
Circuit
Module
3
Output
Positive
Voltage
Regulator
for
VCR
NTE Electronics
NTE1894
Integrated
Circuit
Hybrid
Switching
Voltage
Regulator
NTE Electronics
Link URL :
Related keyword
1N4971 Datasheet
1N4971 Cross Reference
1N4971 Schematic
1N4971 Distributor
1N4971 Datenblatt
1N4971 RoHS
1N4971 Equivalent
1N4971 Application Notes
1N4971 Data Sheet
1N4971 component
1N4971 Fiche Technique
1N4971 Circuit
Does ALLDATASHEET.COM help your business so far?
All Rights Reserved©
Alldatasheet.com
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer