|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N6138 - 1500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS - Semtech Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 15KE | 1500W TRANSIENT VOLTAGE SUPPRESSORS | 1 2 3 4 5 | Won-Top Electronics |
| 15SMCJ | 1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS | 1 2 3 4 5 | Won-Top Electronics |
| 1N6102 | 500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS | 1 2 3 | Semtech Corporation |
| 1-5KE | 1500W TRANSIENT VOLTAGE SUPPRESSORS | 1 2 3 4 5 | Won-Top Electronics |
| TISP2290 | DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS | 1 2 3 4 5 More | Power Innovations Ltd |
| TISP4160LP | SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS | 1 2 3 4 5 More | Power Innovations Ltd |
| 3KP | 3000W TRANSIENT VOLTAGE SUPPRESSORS | 1 2 3 4 5 | Won-Top Electronics |
| SMBJ | SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS | 1 2 3 4 | Bytes |
| SMCGJ6036 | 5.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors | 1 2 3 4 | Microsemi Corporation |
| SM8S | Surface Mount Automotive Transient Voltage Suppressors | 1 2 3 | Vishay Siliconix |
Datasheet Page |
1 2 3 |
Link URL |
|
|