|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N6103 - 500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS - Semtech Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SA5A | 500W TRANSIENT VOLTAGE SUPPRESSORS | 1 2 3 4 5 | Won-Top Electronics |
| 1N6138 | 1500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS | 1 2 3 | Semtech Corporation |
| TISP2082 | DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS | 1 2 3 4 5 More | Power Innovations Ltd |
| TISP3290 | DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS | 1 2 3 4 5 | Power Innovations Ltd |
| BZW03C | Silicon Z-Diodes and Transient Voltage Suppressors | 1 2 3 4 5 | Vishay Siliconix |
| 1V5KE6V8 | Transient Voltage Suppressors | 1 2 3 4 | Fairchild Semiconductor |
| P4SMAJ50 | 400 Watt Transient Voltage Suppressors 5.0 to 170 Volts | 1 2 3 4 | Micro Commercial Components |
| 1V5KE6V8A | Transient Voltage Suppressors | 1 2 3 4 | Fairchild Semiconductor |
| 1SMA10CAT3 | 400 Watt Peak Power Zener Transient Voltage Suppressors | 1 2 3 4 5 More | ON Semiconductor |
| SMCJ5629 | Transient Voltage Suppressors | 1 2 3 | Microsemi Corporation |
Datasheet Page |
1 2 3 |
Link URL |
|
|