|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRFN240SMD - N-CHANNEL POWER MOSFET - Seme LAB |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MRF154 | N-CHANNEL BROADBAND RF POWER MOSFET | 1 2 3 4 5 More | Motorola, Inc |
| STD100NH03L | N-CHANNEL 30V - 0.005 W - 60A DPAK STripFET⢠III POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STB160NF02L | N-CHANNEL 20V - 0.0018ohm - 160A D2PAK STripFET⢠POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STB30NS15 | N-CHANNEL 150V - 0.075 ohm - 30A D2PAK LOW GATE CHARGE STripFET⢠POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STB60NF06 | N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET⢠POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STB80NF03L-04 | N-CHANNEL 30V - 0.0035 ohm - 80A TO-262/TO-263 STripFET POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STE180NE10 | N-CHANNEL 100V - 4.5 mohm - 180A ISOTOP STripFET] POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| AF70N02 | N-Channel Enhancement Mode Power MOSFET | 1 2 3 4 5 More | Anachip Corp |
| STN3NF06 | N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET⢠II POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 |
Link URL |
|
|