Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC11KTS Datasheet (PDF) - Motorola, Inc

MC68HC11KTS Datasheet PDF - Motorola, Inc
Part # MC68HC11KTS
Download  MC68HC11KTS Download

File Size   420.5 Kbytes
Page   80 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 8-Bit Microcontroller

MC68HC11KTS Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC11KTS Datasheet PDF - Motorola, Inc

Part # MC68HC11KTS
Download  MC68HC11KTS Click to download

File Size   420.5 Kbytes
Page   80 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 8-Bit Microcontroller

MC68HC11KTS Datasheet (HTML) - Motorola, Inc

Back Button MC68HC11KTS Datasheet HTML 1Page - Motorola, Inc MC68HC11KTS Datasheet HTML 2Page - Motorola, Inc MC68HC11KTS Datasheet HTML 3Page - Motorola, Inc MC68HC11KTS Datasheet HTML 4Page - Motorola, Inc MC68HC11KTS Datasheet HTML 5Page - Motorola, Inc MC68HC11KTS Datasheet HTML 6Page - Motorola, Inc MC68HC11KTS Datasheet HTML 7Page - Motorola, Inc MC68HC11KTS Datasheet HTML 8Page - Motorola, Inc MC68HC11KTS Datasheet HTML 9Page - Motorola, Inc MC68HC11KTS Datasheet HTML 10Page - Motorola, Inc Next Button 

MC68HC11KTS Product details

8-Bit Microcontroller

The M68HC11 K-series microcontroller units (MCUs) are high-performance derivatives of the

MC68HC11F1 and have several additional features. The MC68HC11K0, MC68HC11K1,

MC68HC11K3, MC68HC11K4 and MC68HC711K4 comprise the series. These MCUs, with a nonmul

tiplexed expanded bus, are characterized by high speed and low power consumption. Their fully static design allows operation at frequencies from 4 MHz to dc.



 Features

• M68HC11 CPU

• Power Saving STOP and WAIT Modes

• 768 Bytes RAM (All Saved During Standby)

• 24 Kbytes ROM or EPROM

• 640 Bytes Electrically Erasable Programmable Read Only Memory (EEPROM)

• Optional Security Feature Protects Memory Contents

• On-Chip Memory Mapping Logic Allows Expansion to Over 1 Mbyte of Address Space

• PROG Mode Allows Use of Standard EPROM Programmer (27C256 Footprint)

• Nonmultiplexed Address and Data Buses

• Four Programmable Chip Selects with Clock Stretching (Expanded Modes)

• Enhanced 16-Bit Timer with Four-Stage Programmable Prescaler

   — Three Input Capture (IC) Channels

   — Four Output Compare (OC) Channels

   — One Additional Channel, Selectable as Fourth IC or Fifth OC

• 8-Bit Pulse Accumulator

• Four 8-Bit or Two 16-Bit Pulse Width Modulation (PWM) Timer Channels

• Real-Time Interrupt Circuit

• Computer Operating Properly (COP) Watchdog

• Clock Monitor

• Enhanced Asynchronous Nonreturn to Zero (NRZ) Serial Communications Interface (SCI)

• Enhanced Synchronous Serial Peripheral Interface (SPI)

• Eight-Channel 8-Bit Analog-to-Digital (A/D) Converter

• Seven Bidirectional Input/Output (I/O) Ports (54 Pins)

• One Fixed Input-Only Port (8 Pins)

• Available in 84-Pin Plastic Leaded Chip Carrier (PLCC), 84-Pin Windowed Ceramic Leaded Chip Carrier (CLCC), and 80-Pin Quad Flat Pack (QFP)




Similar Part No. - MC68HC11KTS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68HC11KTS NXP-MC68HC11KTS Datasheet
909Kb / 80P
   8-Bit Microcontroller
More results


Similar Description - MC68HC11KTS

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com