Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZN4977 Datasheet (PDF) - Solid States Devices, Inc

SZN4977 Datasheet PDF - Solid States Devices, Inc
Part # SZN4977
Download  SZN4977 Download

File Size   204.54 Kbytes
Page   3 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 6.8 ??390 VOLTS ZENER DIODES

SZN4977 Datasheet (PDF)

Go To PDF Page Download Datasheet
SZN4977 Datasheet PDF - Solid States Devices, Inc

Part # SZN4977
Download  SZN4977 Click to download

File Size   204.54 Kbytes
Page   3 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 6.8 ??390 VOLTS ZENER DIODES

SZN4977 Datasheet (HTML) - Solid States Devices, Inc

SZN4977 Datasheet HTML 1Page - Solid States Devices, Inc SZN4977 Datasheet HTML 2Page - Solid States Devices, Inc SZN4977 Datasheet HTML 3Page - Solid States Devices, Inc

SZN4977 Product details

FEATURES:

• Hermetically Glass Sealed

• High Power Dissipation 5W

• Tight Voltage Tolerance 5%

• For other Voltage, Power, or Tolerance Consult Factory.

• TX, TXV, and S-Level Screening Available 5/.

• Replacement for 1N4954 – 1N4996




Similar Part No. - SZN4977

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZN4977 SSDI-SZN4977 Datasheet
204Kb / 3P
   5 W 6.8 ??390 VOLTS ZENER DIODES
More results


Similar Description - SZN4977

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
Z00010D SSDI-Z00010D Datasheet
204Kb / 3P
   5 W 6.8 ??390 VOLTS ZENER DIODES
SZ5706 SSDI-SZ5706_1 Datasheet
120Kb / 2P
   6.8 ??270 VOLTS ZENER DIODES
SZN5063 SSDI-SZN5063 Datasheet
171Kb / 3P
   6.8 ??400 VOLTS ZENER DIODES
SZ5706 SSDI-SZ5706 Datasheet
88Kb / 2P
   5.0 WATT 6.8 - 270 VOLTS ZENER DIODES
Z00007G SSDI-Z00007G Datasheet
120Kb / 2P
   5.0 WATT 6.8 ??270 VOLTS ZENER DIODES
logo
GOOD-ARK Electronics
1N957 GOOD-ARK-1N957_15 Datasheet
59Kb / 2P
   Zener Diodes Nominal Zener Voltage 6.8 to 91 Volts Power Dissipation 500mW
logo
Central Semiconductor C...
CLL4099 CENTRAL-CLL4099_10 Datasheet
307Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODES 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
1N3710B CENTRAL-1N3710B Datasheet
100Kb / 2P
   1.0W ZENER DIODE 6.8 VOLTS TO 200 VOLTS 5% TOLERANCE
logo
New Jersey Semi-Conduct...
2N2970B NJSEMI-2N2970B Datasheet
135Kb / 2P
   10W ZENER DIODE 6.8 VOLTS TO 200 VOLTS 5% TOLERANCE
logo
Micro Commercial Compon...
1N4736AP MCC-1N4736AP Datasheet
542Kb / 4P
   1.0 Watt Zener Diode 6.8 to 100 Volts
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com