|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
STK401-110 - AF Power Amplifier (Split Power Supply) (40 W 40 W 40W min, THD = 0.4%) - Sanyo Semicon Device |
|
Click STK401-110 to view datasheet |
|
|||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| STK4172II | AF Power Amplifier Split Power Supply 40W + 40W min THD = 0.4% | Sanyo Semicon Device |
| STK4032II | AF Power Amplifier Split Power Supply 40W min THD = 0.4% | Sanyo Semicon Device |
| STK401-120 | AF Power Amplifier Split Power Supply 80 W + 80 W min THD = 0.4% | Sanyo Semicon Device |
| STK4162II | AF Power Amplifier Split Power Supply 35W + 35W min THD = 0.4% | Sanyo Semicon Device |
| STK405-070 | 2ch AF Power Amplifier Split Power Supply 40W + 40 W min THD =10% | Sanyo Semicon Device |
| STK4024II | AF Power Amplifier Split Power Supply 20 W min THD = 0.4% | Sanyo Semicon Device |
| STK4171V | AF Power Amplifier Split Power Supply 40W + 40W min THD = 0.08% | Sanyo Semicon Device |
| STK400-040 | AF Power Amplifier Split Power Supply 25 W + 25 W + 25 W min THD = 0.4% | Sanyo Semicon Device |
| STK4026II | AF Power Amplifier Split Power Supply 25 W min THD = 0.4% | Sanyo Semicon Device |
| STK4182II | AF Power Amplifier Split Power Supply 45W + 45W min THD = 0.4% | Sanyo Semicon Device |
Link URL |
|
|
Related keyword |
| STK401-110 Datasheet | STK401-110 Cross Reference | STK401-110 Schematic | STK401-110 Distributor | STK401-110 Datenblatt | STK401-110 RoHS |
| STK401-110 Equivalent | STK401-110 Application Notes | STK401-110 Data Sheet | STK401-110 component | STK401-110 Fiche Technique | STK401-110 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2010 |
| |