|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SBA100-09J - 90V, 10A Rectifier - Sanyo Semicon Device |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SBA100-09Y | 90V 10A Rectifier | 1 2 3 | Sanyo Semicon Device |
| SB100-09 | 90V 10A Rectifier | 1 2 3 | Sanyo Semicon Device |
| SB100-09J | 90V 10A Rectifier | 1 2 3 | Sanyo Semicon Device |
| SB100-09K | 90V 10A Rectifier | 1 2 3 | Sanyo Semicon Device |
| SB1020 | 10A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Won-Top Electronics |
| SBA100-04J | 40V 10A Rectifier | 1 2 3 | Sanyo Semicon Device |
| PBPC1001 | 10A BRIDGE RECTIFIER | 1 2 | Diodes Incorporated |
| SB10-09P | 90V 1A Rectifier | 1 2 | Sanyo Semicon Device |
| SBA160-09R | 90V 16A Rectifier | 1 2 3 | Sanyo Semicon Device |
| SB1020CT | 10A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Won-Top Electronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|